Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342 and S32K322. Data is preliminary for S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 44Page - NXP Semiconductors S32K310 Datasheet HTML 45Page - NXP Semiconductors S32K310 Datasheet HTML 46Page - NXP Semiconductors S32K310 Datasheet HTML 47Page - NXP Semiconductors S32K310 Datasheet HTML 48Page - NXP Semiconductors S32K310 Datasheet HTML 49Page - NXP Semiconductors S32K310 Datasheet HTML 50Page - NXP Semiconductors S32K310 Datasheet HTML 51Page - NXP Semiconductors S32K310 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 136 page
background image
Table 16. Low speed RUN mode supply currents (continued)
125,
max 8, 9
TBD
TBD
TBD
TBD
TBD
TBD TBD
S32K344,
S32K324,
S32K314
25, typ 7
20.5
-
2.8
17.9
6.4
-
2.8
4.5
37.2
-
2.9
34
0.6
25, max8
29.4
-
3.2
27.2
14.8
-
3.1
12.6
46.8
-
3.2
46.6 0.8
85, typ 7
34.2
-
2.9
31.2
19.7
-
2.9
17.5
50.4
-
2.9
47.3 0.5
85, max 8
71.6
-
3.5
68.7
56.2
-
3.4
54
89.1
-
3.5
86.2 0.7
105, typ 7
46.1
-
2.9
43.1
31.7
-
2.9
29.3
62.2
-
2.9
59.2 0.5
105, max 8 114
-
3.7
111
99.1
-
3.6
96.1
131
-
3.9
128 0.7
125, typ 7
69.9
-
3.0
66.8
55.8
-
3.0
53.1
86
-
3.1
83
0.5
125,
max 8, 9
161
-
4.2
159
148
-
4.1
145
178
-
4.3
176 0.7
S32K342,
S32K322,
S32K341
25, typ 7
19.6
-
2.8
17.6
6.0
-
2.8
4.0
36.2
-
2.9
33
0.5
25, max 8
23.5
-
3.2
22.1
7.9
-
3.1
8.2
40.7
-
3.2
38.4 0.8
85, typ 7
28.8
-
2.9
26.8
15.2
-
2.9
13.4
45.7
-
2.9
42.4 0.5
85, max 8
41.8
-
3.5
39.6
27.7
-
3.4
25.9
58.7
-
3.5
55.3 0.8
105, typ 7
38.6
-
2.9
36.9
25
-
2.9
23.3
55.6
-
2.9
52.4 0.5
105, max 8 63.1
-
3.7
61.5
49
-
3.7
46.5
80.1
-
3.9
77.2 0.8
125, typ 7
50.7
-
2.9
49.6
37.2
-
2.9
35.5
67.9
-
3.0
64.7 0.5
125,
max 8, 9
88.2
-
4.1
88.5
75.3
-
4.0
73.3 105.2
-
4.2
103.1 0.8
S32K312
25, typ 7
15
NA
NA
5
NA
NA
26
NA
NA
NA
25, max 8
20
10
32
85, typ 7
20
10
31
85, max 8
35.2
24.6
46.4
105, typ 7
26.1
16.2
37
105, max 8 52.9
42.6
64.2
125, typ 7
35.3
25.3
46.4
Table continues on the next page...
NXP Semiconductors
Power management
S32K3xx Data Sheet, Rev. 8, 06/2023
Data Sheet: Technical Data
Preliminary Information for S32K3x8
48 / 136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com