Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342 and S32K322. Data is preliminary for S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 65Page - NXP Semiconductors S32K310 Datasheet HTML 66Page - NXP Semiconductors S32K310 Datasheet HTML 67Page - NXP Semiconductors S32K310 Datasheet HTML 68Page - NXP Semiconductors S32K310 Datasheet HTML 69Page - NXP Semiconductors S32K310 Datasheet HTML 70Page - NXP Semiconductors S32K310 Datasheet HTML 71Page - NXP Semiconductors S32K310 Datasheet HTML 72Page - NXP Semiconductors S32K310 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 136 page
background image
Table 27. 3.3V (2.97V - 3.63V) GPIO Output AC Specification (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
TR_TF_33_F
3.3V Fast GPIO rise/
fall time
2.1
—
9
ns
DSE=0, SRE=1,
Capacitance=25pF
—
TR_TF_33_F
3.3V Fast GPIO rise/
fall time
0.4
—
2.5
ns
DSE=1, SRE=0,
Capacitance=25pF
—
TR_TF_33_F
3.3V Fast GPIO rise/
fall time
1.2
—
6.4
ns
DSE=1, SRE=1,
Capacitance=25pF
—
TR_TF_33_F
3.3V Fast GPIO rise/
fall time
1.1
—
8
ns
DSE=0, SRE=0,
Capacitance=50pF
—
TR_TF_33_F
3.3V Fast GPIO rise/
fall time
2.6
—
11
ns
DSE=0, SRE=1,
Capacitance=50pF
—
TR_TF_33_F
3.3V Fast GPIO rise/
fall time
0.8
—
4.2
ns
DSE=1, SRE=0,
Capacitance=50pF
—
TR_TF_33_F
3.3V Fast GPIO rise/
fall time
1.5
—
7.8
ns
DSE=1, SRE=1,
Capacitance=50pF
—
8 Glitch Filter
The glitch filter parameters in the following table apply to the filters of WKPU pins and TRGMUX inputs 60-63.
Table 28. Glitch Filter
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
TFILT
Glitch filter max
filtered pulse
width 1,2,3
—
—
20
ns
—
—
TUNFILT
Glitch filter min
unfiltered pulse
width 1,3,4
400
—
—
ns
—
—
1. An input signal pulse is defined by the duration between the input signal's crossing of a Vil/Vih threshold voltage level, and
the next crossing of the opposite level.
2. Pulses shorter than defined by the maximum value are guaranteed to be filtered (not passed).
3. Pulses in between the max filtered and min unfiltered may or may not be passed through.
4. Pulses larger than defined by the minimum value are guaranteed to not be filtered (passed).
9 Flash memory specification
NXP Semiconductors
Glitch Filter
S32K3xx Data Sheet, Rev. 8, 06/2023
Data Sheet: Technical Data
Preliminary Information for S32K3x8
69 / 136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com