Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 102 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342 and S32K322. Data is preliminary for S32K328, S32K338, S32K348, S32K358 and S32K388
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 102 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 98Page - NXP Semiconductors S32K310 Datasheet HTML 99Page - NXP Semiconductors S32K310 Datasheet HTML 100Page - NXP Semiconductors S32K310 Datasheet HTML 101Page - NXP Semiconductors S32K310 Datasheet HTML 102Page - NXP Semiconductors S32K310 Datasheet HTML 103Page - NXP Semiconductors S32K310 Datasheet HTML 104Page - NXP Semiconductors S32K310 Datasheet HTML 105Page - NXP Semiconductors S32K310 Datasheet HTML 106Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 136 page
background image
Figure 52. RMII transmit diagram
12.7.4 Ethernet RGMII
The following timing specs are defined at the device I/O pin and must be translated appropriately to arrive at timing specs/
constraints for the physical interface. Measurements are with maximum output load of 13.5pF, input transition of 1ns and pad
configured with DSE = 1'b1 and SRE = 1'b0.
Table 53. Ethernet RGMII
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
Tcyc
Clock cycle
duration 1,2
7.2
—
8.8
ns
SRC = 0
—
TskewT
Data to clock
output skew (at
transmitter) 2
-500
—
500
ps
SRC=0
—
TskewRi
Data to clock input
skew (at receiver) 2
1
—
2.6
ns
SRC=0
—
TskewRo
Data to clock output
skew (at receiver) 2
-650
—
650
ps
SRC=0
—
Duty_G
Clock duty cycle for
Gigabit 2
45
—
55
%
SRC=0
—
Duty_T
Clock duty cycle for
10/100T 2
40
—
60
%
SRC=0
—
Tr
Output rise time 3
—
—
1
ns
SRC=0
—
Tf
Output fall time 3
—
—
1
ns
SRC=0
—
1. For 10 Mbps and 100 Mbps, Tcyc will scale to 400 ns ±40 ns and 40 ns ±4 ns respectively.
2. RGMII timing specifications is valid for 3.3V nominal I/O pad supply voltage.
NXP Semiconductors
Communication interfaces
S32K3xx Data Sheet, Rev. 8, 06/2023
Data Sheet: Technical Data
Preliminary Information for S32K3x8
102 / 136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com