Electronic Components Datasheet Search
  English  ▼

X  

EPCS4 Datasheet(PDF) 14 Page - Altera Corporation

Part # EPCS4
Description  Serial Configuration Devices
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPCS4 Datasheet(HTML) 14 Page - Altera Corporation

Back Button EPCS4 Datasheet HTML 10Page - Altera Corporation EPCS4 Datasheet HTML 11Page - Altera Corporation EPCS4 Datasheet HTML 12Page - Altera Corporation EPCS4 Datasheet HTML 13Page - Altera Corporation EPCS4 Datasheet HTML 14Page - Altera Corporation EPCS4 Datasheet HTML 15Page - Altera Corporation EPCS4 Datasheet HTML 16Page - Altera Corporation EPCS4 Datasheet HTML 17Page - Altera Corporation EPCS4 Datasheet HTML 18Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
4–14
Core Version a.b.c variable
Altera Corporation
Configuration Handbook, Volume 2
July 2004
Serial Configuration Device Memory Access
available when all the block protect bits are
0. When any of the block
protect bits are set to one, the relevant area is protected from being
written by write bytes operations or erased by erase sector operations.
The status register can be read at any time, even while a write or erase
cycle is in progress. When one of these cycles is in progress, you can check
the write in progress bit (bit
0 of the status register) before sending a new
operation to the device. The device can also read the status register
continuously, as shown in Figure 4–9.
Table 4–9. Block Protection Bits in EPCS4 Devices
Status Register Content
Memory Content
BP2 Bit
BP1 Bit
BP0 Bit
Protected Area
Unprotected Area
00
0
None
All eight sectors: 0 to 7
00
1
Sector 7
Seven sectors: 0 to 6
01
0
Sectors 6 and 7
Six sectors: 0 to 5
01
1
Four sectors: 4 to 7
Four sectors: 0 to 3
10
0
All sectors
None
10
1
All sectors
None
11
0
All sectors
None
11
1
All sectors
None
Table 4–10. Block Protection Bits in EPCS1
Status Register Content
Memory Content
BP1 Bit
BP0 Bit
Protected Area
Unprotected Area
00
None
All four sectors: 0 to 3
01
Sector 3
Three sectors: 0 to 2
10
Two sectors: 2 and 3
Two sectors: 0 and 1
11
All sectors
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com