Electronic Components Datasheet Search
  English  ▼

X  

EPCS4 Datasheet(PDF) 29 Page - Altera Corporation

Part # EPCS4
Description  Serial Configuration Devices
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPCS4 Datasheet(HTML) 29 Page - Altera Corporation

Back Button EPCS4 Datasheet HTML 24Page - Altera Corporation EPCS4 Datasheet HTML 25Page - Altera Corporation EPCS4 Datasheet HTML 26Page - Altera Corporation EPCS4 Datasheet HTML 27Page - Altera Corporation EPCS4 Datasheet HTML 28Page - Altera Corporation EPCS4 Datasheet HTML 29Page - Altera Corporation EPCS4 Datasheet HTML 30Page - Altera Corporation EPCS4 Datasheet HTML 31Page - Altera Corporation EPCS4 Datasheet HTML 32Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Altera Corporation
Core Version a.b.c variable
4–29
July 2004
Configuration Handbook, Volume 2
Serial Configuration Devices (EPCS1, EPCS4, EPCS16 & EPCS64) Data Sheet
Operating
Conditions
Tables 4–15 through 4–19 provide information on absolute maximum
ratings, recommended operating conditions, DC operating conditions,
and capacitance for serial configuration devices.
Table 4–15. Absolute Maximum Ratings
Note (1)
Symbol
Parameter
Condition
Min
Max
Unit
VCC
Supply voltage
With respect to ground
−0.6
4.0
V
VI
DC input voltage
With respect to ground
−0.6
4.0
V
IMAX
DC VCC or GND current
15
mA
IOUT
DC output current per pin
−25
25
mA
PD
Power dissipation
54
mW
TSTG
Storage temperature
No bias
−65
150
° C
TAMB
Ambient temperature
Under bias
−65
135
° C
TJ
Junction temperature
Under bias
135
° C
Table 4–16. Recommended Operating Conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
Supply voltage
(2)
3.0
3.6
V
VI
Input voltage
Respect to GND
−0.3
0.3 + VCC
V
VO
Output voltage
0
VCC
V
TA
Operating temperature
For commercial use
0
70
° C
For industrial use
−40
85
° C
tR
Input rise time
5
ns
tF
Input fall time
5
ns
Table 4–17. DC Operating Conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
High-level input voltage
0.7
× V
CC
VCC + 0.4
V
VIL
Low-level input voltage
−0.5
0.3
× V
CC
V
VOH
High-level output voltage
IOH =
−100 µA (3)
VCC
−0.2
V
VOL
Low-level output voltage
IOL = 1.6 mA (3)
0.4
V
II
Input leakage current
VI = VCC or GND
−10
10
µA
IOZ
Tri-state output off-state current
VO = VCC or GND
−10
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com