Electronic Components Datasheet Search
  English  ▼

X  

EPCS4 Datasheet(PDF) 30 Page - Altera Corporation

Part # EPCS4
Description  Serial Configuration Devices
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPCS4 Datasheet(HTML) 30 Page - Altera Corporation

Back Button EPCS4 Datasheet HTML 24Page - Altera Corporation EPCS4 Datasheet HTML 25Page - Altera Corporation EPCS4 Datasheet HTML 26Page - Altera Corporation EPCS4 Datasheet HTML 27Page - Altera Corporation EPCS4 Datasheet HTML 28Page - Altera Corporation EPCS4 Datasheet HTML 29Page - Altera Corporation EPCS4 Datasheet HTML 30Page - Altera Corporation EPCS4 Datasheet HTML 31Page - Altera Corporation EPCS4 Datasheet HTML 32Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
4–30
Core Version a.b.c variable
Altera Corporation
Configuration Handbook, Volume 2
July 2004
Pin Information
Pin Information
As shown in Figure 4–19, the serial configuration device is an 8-pin or
16-pin device. The control pins on the serial configuration device are:
serial data output (
DATA), active serial data input (ASDI), serial clock
(
DCLK), and chip select (nCS). Table 4–20 shows the serial configuration
device's pin descriptions.
Figure 4–19 shows the Altera serial configuration device 8-pin SOIC
package and its pin-out diagram.
Figure 4–19. Altera Serial Configuration Device 8-Pin SOIC Package Pin-Out
Diagram
Figure 4–20 shows the Altera serial configuration device 16-pin SOIC
package and its pin-out diagram.
Table 4–18. ICC Supply Current
Symbol
Parameter
Conditions
Min
Max
Unit
ICC0
VCC supply current (standby)
50
µA
ICC1
VCC supply current (during active
power mode)
514
mA
Table 4–19. Capacitance
Note (4)
Symbol
Parameter
Conditions
Min
Max
Unit
CIN
Input pin capacitance
VIN = 0 V
6
pF
COUT
Output pin capacitance
VOUT = 0 V
8
pF
Notes to Table 4–15 through 4–19:
(1)
See the Operating Requirements for Altera Devices Data Sheet.
(2)
Maximum VCC rise time is 100 ms.
(3)
The IOH parameter refers to high-level TTL or CMOS output current; the I OL parameter refers to low-level TTL or
CMOS output current.
(4)
Capacitance is sample-tested only at TA = 25 ° C and at a 20-MHz frequency.
VCC
VCC
DCLK
ASDI
VCC
GND
nCS
DATA
EPCS1 or
EPCS4 Device
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com