Electronic Components Datasheet Search
  English  ▼

X  

EPCS4 Datasheet(PDF) 16 Page - Altera Corporation

Part # EPCS4
Description  Serial Configuration Devices
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPCS4 Datasheet(HTML) 16 Page - Altera Corporation

Back Button EPCS4 Datasheet HTML 12Page - Altera Corporation EPCS4 Datasheet HTML 13Page - Altera Corporation EPCS4 Datasheet HTML 14Page - Altera Corporation EPCS4 Datasheet HTML 15Page - Altera Corporation EPCS4 Datasheet HTML 16Page - Altera Corporation EPCS4 Datasheet HTML 17Page - Altera Corporation EPCS4 Datasheet HTML 18Page - Altera Corporation EPCS4 Datasheet HTML 19Page - Altera Corporation EPCS4 Datasheet HTML 20Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
4–16
Core Version a.b.c variable
Altera Corporation
Configuration Handbook, Volume 2
July 2004
Serial Configuration Device Memory Access
Figure 4–10. Write Status Operation Timing Diagram
Read Bytes Operation
The read bytes operation code is
b'0000 0011, with the MSB listed first.
To read the memory contents of the serial configuration device, the
device is first selected by driving
nCS low. Then, the read bytes operation
code is shifted-in followed by a 3-byte address (
A[23..0]). Each address
bit must be latched-in on the rising edge of the
DCLK. After the address is
latched in, the memory contents of the specified address are shifted out
serially on the
DATA pin, beginning with the MSB. Each data bit is shifted
out on the falling edge of
DCLK. The maximum DCLK frequency during
the read bytes operation is 20 MHz. Figure 4–11 shows the timing
diagram for read bytes operation.
The first byte addressed can be at any location. The device automatically
increments the address to the next higher address after shifting out each
byte of data. Therefore, the device can read the whole memory with a
single read bytes operation. When the device reaches the highest address,
the address counter restarts at
0x000000, allowing the memory contents
to be read out indefinitely until the read bytes operation is terminated by
driving
nCS high. The device can drive nCS high any time after data is
shifted out. If the read bytes operation is shifted in while a write or erase
cycle is in progress, the operation will not be executed. Additionally, it
will not have any effect on the write or erase cycle in progress.
nCS
DCLK
ASDI
DATA
0
1
2
3
4
5
6
7
8
9
101112131415
Operation Code
Status Register
76543210
MSB
High Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com