Electronic Components Datasheet Search
  English  ▼

X  

EPCS4 Datasheet(PDF) 25 Page - Altera Corporation

Part # EPCS4
Description  Serial Configuration Devices
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPCS4 Datasheet(HTML) 25 Page - Altera Corporation

Back Button EPCS4 Datasheet HTML 21Page - Altera Corporation EPCS4 Datasheet HTML 22Page - Altera Corporation EPCS4 Datasheet HTML 23Page - Altera Corporation EPCS4 Datasheet HTML 24Page - Altera Corporation EPCS4 Datasheet HTML 25Page - Altera Corporation EPCS4 Datasheet HTML 26Page - Altera Corporation EPCS4 Datasheet HTML 27Page - Altera Corporation EPCS4 Datasheet HTML 28Page - Altera Corporation EPCS4 Datasheet HTML 29Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Altera Corporation
Core Version a.b.c variable
4–25
July 2004
Configuration Handbook, Volume 2
Serial Configuration Devices (EPCS1, EPCS4, EPCS16 & EPCS64) Data Sheet
Table 4–12 defines the serial configuration device timing parameters for
write operation.
Figure 4–17 shows the timing waveform for the serial configuration
device's read operation.
Table 4–12. Write Operation Parameters
Symbol
Parameter
Min
Max
Unit
fWCLK
Write clock frequency (from
FPGA, download cable, or
embedded processor) for write
enable, write disable, read
status, read silicon ID, write
bytes, erase bulk, and erase
sector operations
25
MHz
tCH
DCLK high time
20
ns
tCL
DCLK low time
20
ns
tNCSSU
Chip select (
nCS) setup time
10
ns
tNCSH
Chip select (
nCS) hold time
10
ns
tDSU
Data (
ASDI) in setup time
before rising edge on
DCLK
5ns
tDH
Data (
ASDI) hold time after
rising edge on
DCLK
5ns
tCSH
Chip select high time
100
ns
tWB_EPCS1 (1)
Write bytes cycle time for
EPCS1 devices
25
ms
tWB_EPCS4 (1)
Write bytes cycle time for
EPCS4 devices
1.5
5
ms
tWS (1)
Write status cycle time
5
15
ms
tEB_EPCS1 (1)
Erase bulk cycle time for
EPCS1 devices
36
s
tEB_EPCS4 (1)
Erase bulk cycle time for
EPCS4 devices
510
s
tES (1)
Erase sector cycle time
2
3
s
Note to Table 4–12:
(1)
These parameters are not shown in Figure 4–16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com