Electronic Components Datasheet Search
  English  ▼

X  

EPCS4 Datasheet(PDF) 28 Page - Altera Corporation

Part # EPCS4
Description  Serial Configuration Devices
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPCS4 Datasheet(HTML) 28 Page - Altera Corporation

Back Button EPCS4 Datasheet HTML 24Page - Altera Corporation EPCS4 Datasheet HTML 25Page - Altera Corporation EPCS4 Datasheet HTML 26Page - Altera Corporation EPCS4 Datasheet HTML 27Page - Altera Corporation EPCS4 Datasheet HTML 28Page - Altera Corporation EPCS4 Datasheet HTML 29Page - Altera Corporation EPCS4 Datasheet HTML 30Page - Altera Corporation EPCS4 Datasheet HTML 31Page - Altera Corporation EPCS4 Datasheet HTML 32Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
4–28
Core Version a.b.c variable
Altera Corporation
Configuration Handbook, Volume 2
July 2004
Programming & Configuration File Support
Programming &
Configuration
File Support
The Quartus II design software provides programming support for serial
configuration devices. After selecting the serial configuration device, the
Quartus II software automatically generates the Programmer Object File
(.pof) to program the device. The software allows users to select the
appropriate serial configuration device density that most efficiently
stores the configuration data for a selected FPGA.
The serial configuration device can be programmed in-system by an
external microprocessor using SRunner. SRunner is a software driver
developed for embedded serial configuration device programming that
designers can customize to fit in different embedded systems. The
SRunner can read a Raw Programming Data file (.rpd) and write to the
serial configuration devices. The programming time is comparable to the
Quartus II software programming time.
f
For more information about SRunner, see the SRunner: An Embedded
Solution for Serial Configuration Device Programming White Paper and the
source code on the Altera web site (www.altera.com).
Serial configuration devices can be programmed using the APU with the
appropriate programming adapter (PLMSEPC-8 or PLMSEPC-16) via the
Quartus II software, USB Blaster, or the ByteBlaster II download cable via
the Quartus II software. In addition, many third-party programmers,
such as BP Microsystems and System General, offer programming
hardware that supports serial configuration devices.
During in-system programming of a serial configuration device via the
USB Blaster or ByteBlaster II download cable, the cable pulls
nCONFIG
low to reset the FPGA and overrides the 10-k
Ωpull-down resistor on the
FPGA’s
nCE pin (see Figure 4–2). The download cable then uses the four
interface pins (
DATA, nCS, ASDI, and DCLK) to program the serial
configuration device. Once the programming is complete, the download
cable releases the serial configuration device’s four interface pins and the
FPGA’s
nCE pin, and pulses nCONFIG to start configuration.
f
For more information on programming and configuration support, see
the following documents:
■
Altera Programming Hardware Data Sheet
■
Programming Hardware Manufacturers
■
USB Blaster USB Port Download Cable Development Tools Data Sheet
■
ByteBlaster II Parallel Port Download Cable Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com