Electronic Components Datasheet Search
  English  ▼

X  

EPCS4 Datasheet(PDF) 24 Page - Altera Corporation

Part # EPCS4
Description  Serial Configuration Devices
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPCS4 Datasheet(HTML) 24 Page - Altera Corporation

Back Button EPCS4 Datasheet HTML 20Page - Altera Corporation EPCS4 Datasheet HTML 21Page - Altera Corporation EPCS4 Datasheet HTML 22Page - Altera Corporation EPCS4 Datasheet HTML 23Page - Altera Corporation EPCS4 Datasheet HTML 24Page - Altera Corporation EPCS4 Datasheet HTML 25Page - Altera Corporation EPCS4 Datasheet HTML 26Page - Altera Corporation EPCS4 Datasheet HTML 27Page - Altera Corporation EPCS4 Datasheet HTML 28Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
4–24
Core Version a.b.c variable
Altera Corporation
Configuration Handbook, Volume 2
July 2004
Timing Information
parameter specifies the VCC supply current when the device is in active
power mode and the ICC0 parameter specifies the current when the device
is in stand-by power mode (see Table 4–18).
Power-On Reset
During initial power-up, a POR delay occurs to ensure the system voltage
levels have stabilized. During AS configuration, the FPGA controls the
configuration and has a longer POR delay than the serial configuration
device. Therefore, the POR delay is governed by the Stratix II FPGA
(typically 12 ms or 100 ms) or Cyclone series FPGA (typically 100 ms).
Error Detection
During AS configuration with the serial configuration device, the FPGA
monitors the configuration status through the
nSTATUS and CONF_DONE
pins. If an error condition occurs (
nSTATUS drives low) or if the
CONF_DONE pin does not go high, the FPGA will initiate reconfiguration
by pulsing the
nSTATUS and nCSO signals, which controls the chip select
pin on the serial configuration device (
nCS).
After an error, configuration automatically restarts if the Auto-Restart
Upon Frame Error option is turned on in the Quartus II software. If the
option is turned off, the system must monitor the
nSTATUS signal for
errors and then pulse the
nCONFIG signal low to restart configuration.
Timing
Information
Figure 4–16 shows the timing waveform for write operation to the serial
configuration device.
Figure 4–16. Write Operation Timing
nCS
DCLK
ASDI
DATA
tNCSH
tDSU
tNCSSU
tCH
tCL
tCSH
tDH
Bit n
Bit 0
Bit n
- 1
High Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com