Electronic Components Datasheet Search
  English  ▼

X  

EPCS4 Datasheet(PDF) 18 Page - Altera Corporation

Part # EPCS4
Description  Serial Configuration Devices
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPCS4 Datasheet(HTML) 18 Page - Altera Corporation

Back Button EPCS4 Datasheet HTML 14Page - Altera Corporation EPCS4 Datasheet HTML 15Page - Altera Corporation EPCS4 Datasheet HTML 16Page - Altera Corporation EPCS4 Datasheet HTML 17Page - Altera Corporation EPCS4 Datasheet HTML 18Page - Altera Corporation EPCS4 Datasheet HTML 19Page - Altera Corporation EPCS4 Datasheet HTML 20Page - Altera Corporation EPCS4 Datasheet HTML 21Page - Altera Corporation EPCS4 Datasheet HTML 22Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
4–18
Core Version a.b.c variable
Altera Corporation
Configuration Handbook, Volume 2
July 2004
Serial Configuration Device Memory Access
Read Silicon ID Operation
The read silicon ID operation code is
b'1010 1011, with the MSB listed
first. This operation reads the serial configuration device’s 8-bit silicon ID
from the
DATA output pin. If this operation is shifted in during an erase
or write cycle, it will be ignored and have no effect on the cycle that is in
progress. Table 4–11 shows the EPCS1 and EPCS4 device silicon IDs.
The device implements the read silicon ID operation by driving
nCS low
then shifting in the read silicon ID operation code followed by three
dummy bytes on
ASDI. The serial configuration device’s 8-bit silicon ID
is then shifted out on the
DATA pin on the falling edge of DCLK, as shown
in Figure 4–12. The device can terminate the read silicon ID operation by
driving
nCS high after the silicon ID has been read at least once. Sending
additional clock cycles on
DCLK while nCS is driven low can cause the
silicon ID to be shifted out repeatedly.
Table 4–11. Serial Configuration Device Silicon ID
Serial Configuration Device
Silicon ID (Binary Value)
EPCS1
b'0001 0000
EPCS4
b'0001 0010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com