Electronic Components Datasheet Search
  English  ▼

X  

EPCS4 Datasheet(PDF) 27 Page - Altera Corporation

Part # EPCS4
Description  Serial Configuration Devices
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPCS4 Datasheet(HTML) 27 Page - Altera Corporation

Back Button EPCS4 Datasheet HTML 23Page - Altera Corporation EPCS4 Datasheet HTML 24Page - Altera Corporation EPCS4 Datasheet HTML 25Page - Altera Corporation EPCS4 Datasheet HTML 26Page - Altera Corporation EPCS4 Datasheet HTML 27Page - Altera Corporation EPCS4 Datasheet HTML 28Page - Altera Corporation EPCS4 Datasheet HTML 29Page - Altera Corporation EPCS4 Datasheet HTML 30Page - Altera Corporation EPCS4 Datasheet HTML 31Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Altera Corporation
Core Version a.b.c variable
4–27
July 2004
Configuration Handbook, Volume 2
Serial Configuration Devices (EPCS1, EPCS4, EPCS16 & EPCS64) Data Sheet
Figure 4–18 shows the timing waveform for FPGA AS configuration
scheme using a serial configuration device.
Figure 4–18. AS Configuration Timing
Table 4–14 shows the timing parameters for AS configuration mode.
Read Address
bit
N
− 1
bit
N
bit 1
bit 0
tH
tCL
tCH
tSU
136 Cycles
nSTATUS
nCONFIG
CONF_DONE
nCSO
DCLK
ASDO
DATA0
INIT_DONE
User I/O
User Mode
tPOR
Table 4–14. Timing Parameters for AS Configuration
Symbol
Parameter
Min
Typ
Max
Unit
fCLK
DCLK frequency from Cyclone FPGA
14
17
20
MHz
fCLK
DCLK frequency from Stratix II or Cyclone II FPGA
(1)
20 (2)
26 (2)
40 (2)
MHz
10
13
20
MHz
tCH
DCLK high time
25
ns
tCL
DCLK low time
25
ns
tH
Data hold time after rising edge on
DCLK
0ns
tSU
Data set up time before rising edge on
DCLK
5ns
tPOR
POR delay
100
ms
Notes to Table 4–14:
(1)
These values are preliminary
(2)
Only the EPCS16 and EPCS64 devices support a
DCLK frequency up to 40 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com