Electronic Components Datasheet Search
  English  ▼

X  

UPC1876 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC1876
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1876 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC1876 Datasheet HTML 1Page - Renesas Technology Corp UPC1876 Datasheet HTML 2Page - Renesas Technology Corp UPC1876 Datasheet HTML 3Page - Renesas Technology Corp UPC1876 Datasheet HTML 4Page - Renesas Technology Corp UPC1876 Datasheet HTML 5Page - Renesas Technology Corp UPC1876 Datasheet HTML 6Page - Renesas Technology Corp UPC1876 Datasheet HTML 7Page - Renesas Technology Corp UPC1876 Datasheet HTML 8Page - Renesas Technology Corp UPC1876 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
µPC1876
DESCRIPTION
The
µPC1876 is an integrated circuit for US MTS (Multi Channel Television Sound) system. All functions for US
MTS system are provided on one chip. The
µPC1876 has built-in SAP (Sub Audio Program) discrimination error
protection circuit.
FEATURES
•
BTSC (USA) standard demodulator (Stereo demodulation and TV-dbx noise reduction)
•
Only four adjustments (2 separation, 1 stereo VCO, 1 filter)
•
Supply voltage: 8 V to 10 V
•
Circuit current: 27 mA TYP. (Supply voltage: 9 V)
•
Input and output level (L+R, 100% modulation)
Input level: 0.42 Vp-p
Output level: 1.41 Vp-p
APPLICATION
•
TV sets and VCRs for North America
ORDERING INFORMATION
Part Number
Package
µPC1876GT
42-pin plastic SSOP (9.53 mm (375))
The
µPC1876 is available only to licensees of THAT Corporation.
Please contact: (03) 5790-5391 (Japan)
(508) 229-2500 (USA)
US MTS DECODER
The mark
shows major revised points.
©
1996
DATA SHEET
BIPOLAR ANALOG INTEGRATED CIRCUIT
Document No. S11666EJ4V0DS00 (4th edition)
Date Published June 2000 N
CP(K)
Printed in Japan
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com