Electronic Components Datasheet Search
  English  ▼

X  

UPC1876 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # UPC1876
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1876 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button UPC1876 Datasheet HTML 29Page - Renesas Technology Corp UPC1876 Datasheet HTML 30Page - Renesas Technology Corp UPC1876 Datasheet HTML 31Page - Renesas Technology Corp UPC1876 Datasheet HTML 32Page - Renesas Technology Corp UPC1876 Datasheet HTML 33Page - Renesas Technology Corp UPC1876 Datasheet HTML 34Page - Renesas Technology Corp UPC1876 Datasheet HTML 35Page - Renesas Technology Corp UPC1876 Datasheet HTML 36Page - Renesas Technology Corp UPC1876 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
µPC1876
31
Data Sheet S11666EJ4V0DS00
(5/6)
Parameter
SAP single
distortion rate
Cross talk 1
SAP
→ stereo
Cross talk 2
stereo
→ SAP
Total muting level
LED driver
saturation voltage
dbx timing current
Inter-mode DC
offset 1
mute
→ monaural
Inter-mode DC
offset 2
mute
→ stereo
Inter-mode DC
offset 3
mute
→ SAP
Symbol
THDSAP2
CT1
CT2
Mute
VOSAT
IT
VDOF1
VDOF2
VDOF3
Measurement
Set FMONO pin to “H” and SAP1/2, ST/SAP, MUTE pins to “L”.
Input SAP signal (100% modulation, f = 1 kHz) to COM pin. Measure output distortion
rate of SOT pin.
(nosie reduction OFF)
Set ST/SAP, FMONO pins to “H” and MUTE pin to “L”.
Input L-only signal (f = 800 Hz, 30% modulation) and SAP signal (f = 3 kHz, 30%
modulation) to COM pin. Assume output voltage of the LOT pin “VLOT”.
Connect LOT pin to 3 kHz BPF (gain = 0 dB at f = 3 kHz, –80 dB or more at f = 800 Hz)
to LOT pin. Assume output voltage of BPF “VLOTCT1”.
CT1 = 20 log
VLOTCT1
VLOT
Set SAP1/2, ST/SAP pins to “L” and FMONO pin to “H”.
Input L-only signal (f = 3 kHz, 30% modulation) and SAP signal (f = 800 Hz, 30%
modulation) to COM pin. Assume output voltage of the LOT pin “VLOT”.
Connect LOT pin to 3 kHz BPF (gain = 0 dB at f = 3 kHz, –80 dB or more at f = 800 Hz)
to LOT pin. Assume output voltage of BPF “VLOTCT2”.
CT2 = 20 log
VLOTCT2
VLOT
Set MUTE and FMONO pins to “L”.
Input monaural signal (100% modulation, f = 1 kHz) to COM pin. Assume output voltage
of ROT pin “VOMO”.
Set FMONO pin to “H”. Assume output voltage of ROT pin “VMUTE”.
Mute = 20 log
VOMO
VMUTE
Execute the same operation for LOT and NOT pins.
Apply current (10 mA) to SAPL, STL pins, and measure input voltage of the pin.
Input DC voltage (6 V) to STI and WTI pins, and measure current of the pin.
Set FMONO pin to “L”.
Apply DC 1 V to fHSW pin and DC 6 V to SDT pin.
Set MUTE pin to “H”. Assume output voltage of ROT pin “VMU”.
Next, input no signal to COM pin to change MUTE pin to “L”. Assume output voltage of
ROT pin “VMO”.
VDOF1 = VMO – VMU
Execute the same operation for LOT pin.
Set ST/SAP, FMONO pins to “H”.
Apply DC 1 V to fHSW pin and DC 6 V to SDT pin.
Set MUTE pin to “H”. Assume output voltage of ROT pin “VMU”.
Next, input pilot signal to COM pin to change MUTE pin to “L”. Assume output voltage of
ROT pin “VST”.
VDOF2 = VST – VMU
Execute the same operation for LOT pin.
Set FMONO pin to “H” and SAP1/2, ST/SAP pins “L”.
Apply DC 1 V to fHSW pin and DC 6 V to SDT pin.
Set MUTE pin to “H”. Assume output voltage of ROT pin “VMU”.
Next, input 5fH signal to COM pin to change MUTE pin to “L”. Assume output voltage of
ROT pin “VSAP”.
VDOF3 = VSAP – VMU
Execute the same operation for LOT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com