Electronic Components Datasheet Search
  English  ▼

X  

UPC1876 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPC1876
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1876 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPC1876 Datasheet HTML 4Page - Renesas Technology Corp UPC1876 Datasheet HTML 5Page - Renesas Technology Corp UPC1876 Datasheet HTML 6Page - Renesas Technology Corp UPC1876 Datasheet HTML 7Page - Renesas Technology Corp UPC1876 Datasheet HTML 8Page - Renesas Technology Corp UPC1876 Datasheet HTML 9Page - Renesas Technology Corp UPC1876 Datasheet HTML 10Page - Renesas Technology Corp UPC1876 Datasheet HTML 11Page - Renesas Technology Corp UPC1876 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
µPC1876
6
Data Sheet S11666EJ4V0DS00
1.
INTERNAL EQUIVALENT CIRCUITS
(1/7)
Pin Number
Pin Name
Symbol
Internal Equivalent Circuit
1
COMPOSITE SIGNAL INPUT
COM
2
SAP BPF OUTPUT
SBO
3
SAP DISCRIMINATION
SDI
FILTER INPUT
1
5 k
Ω
80 k
Ω
10 k
Ω
10 k
Ω
5 pF
5 k
Ω
5 k
Ω
GND
VCC
VCC
1
2
2 k
Ω
10 k
Ω
5 k
Ω
2 k
Ω
GND
VCC
2
10 k
Ω
10 k
Ω
10 pF
40 k
Ω
5 k
Ω
10 k
Ω
GND
3
VCC
VCC
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com