Electronic Components Datasheet Search
  English  ▼

X  

UPC1876 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # UPC1876
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1876 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button UPC1876 Datasheet HTML 34Page - Renesas Technology Corp UPC1876 Datasheet HTML 35Page - Renesas Technology Corp UPC1876 Datasheet HTML 36Page - Renesas Technology Corp UPC1876 Datasheet HTML 37Page - Renesas Technology Corp UPC1876 Datasheet HTML 38Page - Renesas Technology Corp UPC1876 Datasheet HTML 39Page - Renesas Technology Corp UPC1876 Datasheet HTML 40Page - Renesas Technology Corp UPC1876 Datasheet HTML 41Page - Renesas Technology Corp UPC1876 Datasheet HTML 42Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
µPC1876
36
Data Sheet S11666EJ4V0DS00
8.
DIFFERENCES BETWEEN THE
µPC1876GT AND µPC1872GT
µPC1876GT
µPC1872GT
Stereo VCO adjustment external
resistor
Filter adjustment input frequency
15.734 kHz (= fH)
16.5 kHz
Filter adjustment external resistor
MIN.
TYP.
MAX.
Unit
MIN.
TYP.
MAX.
Unit
Stereo total frequency chatacteristics 3
–1.7
–0.8
+0.1
dB
–0.9
0.0
+0.9
dB
At f = 8 kHz
Stereo total frequency chatacteristics 4
–6.0
–4.0
–2.5
dB
–5.0
–2.5
–1.0
dB
At f = 12 kHz
SAP total frequency chatacteristics 2
–0.6
+0.5
+1.6
dB
–0.3
+0.8
+1.9
dB
At f = 3 kHz
SAP total frequency chatacteristics 3
–2.5
–0.5
+1.5
dB
–1.0
+1.0
+3.0
dB
At f = 8 kHz
47 k
Ω ±1%
Stereo VCO adjustment
20 k
Ω ±10%
38
43 k
Ω ±1%
Stereo VCO adjustment
20 k
Ω ±10%
38
33 k
Ω ±1%
Filter adjustment
10 k
Ω ±10%
37
36
33 k
Ω ±1%
30 k
Ω ±1%
Filter adjustment
10 k
Ω ±10%
37
36
33 k
Ω ±1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com