Electronic Components Datasheet Search
  English  ▼

X  

UPC1876 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # UPC1876
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1876 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button UPC1876 Datasheet HTML 19Page - Renesas Technology Corp UPC1876 Datasheet HTML 20Page - Renesas Technology Corp UPC1876 Datasheet HTML 21Page - Renesas Technology Corp UPC1876 Datasheet HTML 22Page - Renesas Technology Corp UPC1876 Datasheet HTML 23Page - Renesas Technology Corp UPC1876 Datasheet HTML 24Page - Renesas Technology Corp UPC1876 Datasheet HTML 25Page - Renesas Technology Corp UPC1876 Datasheet HTML 26Page - Renesas Technology Corp UPC1876 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
µPC1876
21
Data Sheet S11666EJ4V0DS00
4.3
Cautions on External Components
For stable temperature characteristics of stereo VCO, SAP VCO and filter, use the following for external
components.
Pin name
External parts
SAP VCO SETTING
Metal film resistor (
±1%),
FILTER ADJUSTMENT
Cermet (Variable resistor) (
±10%)
STEREO VCO SETTING
According to the license contract with THAT Corporation, use the following for external components.
With regard to the use of other external components, please contact to THAT Corporation.
Pin name
External parts
TIMING CURRENT SETTING
Metal film resistor (
±1%)
WIDE BAND RMS TIMING
Tantalum capacitor (
±10%)
SPECTRAL RMS TIMING
4.4
Change of Electrical Characteristics Depending on External Components
• SAP sensitivity can be down by inserting a resistor between the SAP DISCRIMINATION FILTER pin and GND.
• Stereo sensitivity can be down by inserting a resistor between the STEREO VCO FREE-RUN MONITOR SWITCH
pin and GND.
• Noise sensitivity can be changed by changing a resistor between the NOISE DETECTION FILTER pin and GND.
• Capture range can be changed by changing capacitor between the PHASE COMPARATOR FILTER pins
φD1 and
φD2. The smaller capacitor is, the wider capture range is, and the larger capacitor is, the narrower capture range
is. Please be careful because stereo distortion rate become worse if capacitor is too small.
• In case noise detection circuit doesn’t operate with stereo, it is necessary that capacitor between the PILOT
DISCRIMINATION FILTER pins is about 2.2
µF (Protection for miss operation in the weak electric field). The time
for changing to stereo, become longer if capacitor is too large.
4.5
BIAS (1.5 V) Pin
The BIAS (1.5 V) pin is the bias pin when adjusting the SAP VCO SETTING, the FILTER ADJUSTMENT, the
STEREO VCO SETTING, the WIDE BAND RMS SETTING, and the SPECTRAL RMS SETTING pins with laser-
trimming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com