Electronic Components Datasheet Search
  English  ▼

X  

UPC1876 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # UPC1876
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1876 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button UPC1876 Datasheet HTML 16Page - Renesas Technology Corp UPC1876 Datasheet HTML 17Page - Renesas Technology Corp UPC1876 Datasheet HTML 18Page - Renesas Technology Corp UPC1876 Datasheet HTML 19Page - Renesas Technology Corp UPC1876 Datasheet HTML 20Page - Renesas Technology Corp UPC1876 Datasheet HTML 21Page - Renesas Technology Corp UPC1876 Datasheet HTML 22Page - Renesas Technology Corp UPC1876 Datasheet HTML 23Page - Renesas Technology Corp UPC1876 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
µPC1876
18
Data Sheet S11666EJ4V0DS00
3.
EXPLANATION OF EACH FUNCTION
Caution Apply bias voltage to the F-MONAURAL SELECTION pin, the MATRIX MUTE pin, the SAP 1/2 pin and
the STEREO/SAP SWITCH pin. Don’t leave those pins unconnected because those pins are base
open. Loss current is 0.1
µA or less.
Mode matrix table is shown in 3.1, and functions of mode switch pins are explained in 3.2 to 3.5.
3.1
Mode Matrix Table
L, R SIGNAL OUTPUT pin matrix table
Broadcasting
Control pin
Output
LED ON/OFF
mode
F-MONAURAL
STEREO/SAP
SAP1/2
L CHANNEL R CHANNEL
STEREO
SAP
DC
SELECTION
SWITCH
SWITCH
OUTPUT
OUTPUT
LED
LED
OUTPUT
Monaural
–
–
–
L + R
OFF
OFF
L
H–
–
L
R
ON
Stereo
M
–
–
L + R
OFF
OFF
L
L––
ON
H
–
L + R
H
L
H
L + R
SAP
ON
H
Monaural + SAP
L
SAP
OFF
M–
–
L + R
OFF
L
L––
ON
H
H–
L
R
H
L
H
L + R
SAP
ON
ON
H
Stereo + SAP
L
SAP
M–
–
L + R
OFF
OFF
L
L
–
–
ON
ON
H
Remark When the noise detector detects noise, both the stereo and the SAP demodulation circuit stop.
The noise detector of the
µPC1876 detects noise near 180 kHz that is 30 mVr.m.s. (TYP.) or higher.
3.2
MATRIX MUTE Pin
The MATRIX MUTE pin controls muting of each output pin at muting operation.
Input signal level of the
R CHANNEL OUTPUT
SAP LED
MATRIX MUTE
L CHANNEL OUTPUT
STEREO LED
H
Mute is ON
OFF
L
Mute is OFF
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com