Electronic Components Datasheet Search
  English  ▼

X  

UPC1876 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # UPC1876
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1876 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button UPC1876 Datasheet HTML 28Page - Renesas Technology Corp UPC1876 Datasheet HTML 29Page - Renesas Technology Corp UPC1876 Datasheet HTML 30Page - Renesas Technology Corp UPC1876 Datasheet HTML 31Page - Renesas Technology Corp UPC1876 Datasheet HTML 32Page - Renesas Technology Corp UPC1876 Datasheet HTML 33Page - Renesas Technology Corp UPC1876 Datasheet HTML 34Page - Renesas Technology Corp UPC1876 Datasheet HTML 35Page - Renesas Technology Corp UPC1876 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
µPC1876
30
Data Sheet S11666EJ4V0DS00
(4/6)
Measurement
Input SAP signal (30% modulation, f = 300 Hz) to COM pin. Assume output voltage of
SOT pin “V300(SAP)”.
Input SAP signal (30% modulation, f = 3 kHz) to COM pin. Assume output voltage of
SOT pin “V3k(SAP)”.
VOSAP22 = 20 log
V3k(SAP)
V300(SAP)
(Noise reduction OFF)
Input SAP signal (30% modulation, f = 300 Hz) to COM pin. Assume output voltage of
SOT pin “V300(SAP)”.
Input SAP signal (30% modulation, f = 8 kHz) to COM pin. Assume output voltage of
SOT pin “V8k(SAP)”.
VOSAP23 = 20 log
V8k(SAP)
V300(SAP)
(Noise reduction OFF)
Set ST/SAP, FMONO pins to “H” and MUTE pin to “L”.
Input L-only signal (30% modulation, f = 300 Hz) to COM pin. Assume output voltage of
ROT pin “VROT” and output voltage of LOT pin “VLOT”.
Sep1 = 20 log
VLOT
VROT
Execute the same operation for R-only signal.
(Sound multiplex signal generator: 465Z (manufactured by EIDEN Co. Ltd.))
Set ST/SAP, FMONO pins to “H” and MUTE pin to “L”.
Input L-only signal (30% modulation, f = 1 kHz) to COM pin. Assume output voltage of
ROT pin “VROT” and output voltage of LOT pin “VLOT”.
Sep2 = 20 log
VLOT
VROT
Execute the same operation for R-only signal.
(Sound multiplex signal generator: 465Z (manufactured by EIDEN Co. Ltd.))
Set ST/SAP, FMONO pins to “H” and MUTE pin to “L”.
Input L-only signal (30% modulation, f = 3 kHz) to COM pin. Assume output voltage of
ROT pin “VROT” and output voltage of LOT pin “VLOT”.
Sep3 = 20 log
VLOT
VROT
Execute the same operation for R-only signal.
(Sound multiplex signal generator: 465Z (manufactured by EIDEN Co. Ltd.))
Set MUTE and FMONO pins to “L”.
Input monaural signal (100% modulation, f = 1 kHz) to COM pin. Measure output
distortion rate of ROT and LOT pin.
Set ST/SAP, FMONO pins to “H” and MUTE pin to “L”.
Input L-only signal (100% modulation, f = 1 kHz) to COM pin. Measure output distortion
rate of LOT pin.
Execute the same operation for R-only signal (ROT pin).
Set ST/SAP, FMONO pins to “H” and MUTE pin to “L”.
Input L-only signal (100% modulation, f = 8 kHz) to COM pin. Measure output distortion
rate of LOT pin.
Execute the same operation for R-only signal (ROT pin).
Set FMONO pin to “H” and SAP1/2, ST/SAP, MUTE pins to “L”.
Input SAP signal (100% modulation, f = 1 kHz) to COM pin. Measure output distortion
rate of ROT and LOT pin.
Parameter
SAP single
frequency
characteristics 2
SAP single
frequency
characteristics 3
Stereo channel
separation 1
Stereo channel
separation 2
Stereo channel
separation 3
Monaural total
distortion rate
Stereo total
distortion rate 1
Stereo total
distortion rate 2
SAP total
distortion rate
Symbol
VOSAP22
VOSAP23
Sep1
Sep2
Sep3
THDMO
THDST1
THDST2
THDSAP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com