Electronic Components Datasheet Search
  English  ▼

X  

UPC1876 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # UPC1876
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1876 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button UPC1876 Datasheet HTML 26Page - Renesas Technology Corp UPC1876 Datasheet HTML 27Page - Renesas Technology Corp UPC1876 Datasheet HTML 28Page - Renesas Technology Corp UPC1876 Datasheet HTML 29Page - Renesas Technology Corp UPC1876 Datasheet HTML 30Page - Renesas Technology Corp UPC1876 Datasheet HTML 31Page - Renesas Technology Corp UPC1876 Datasheet HTML 32Page - Renesas Technology Corp UPC1876 Datasheet HTML 33Page - Renesas Technology Corp UPC1876 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
µPC1876
28
Data Sheet S11666EJ4V0DS00
(2/6)
Measurement
Set MUTE and FMONO pin to “L”.
Input monaural signal (100% modulation, f = 300 Hz) to COM pin. Measure output
voltage of ROT and LOT pin. Assume the output voltage of ROT pin “VROT” and the
output voltage of LOT pin “VLOT”.
VOLR = 20 log
VROT
VLOT
Set MUTE and FMONO pins to “L”.
Input monaural signal (30% modulation, f = 300 Hz) to COM pin. Assume output voltage
of ROT pin “V300(MO)”.
Input monaural signal (30% modulation, f = 1 kHz) to COM pin. Assume output voltage
of ROT pin “V1k(MO)”.
VOMO1 = 20 log
V1k(MO)
V300(MO)
Execute the same operation for LOT pin.
Set MUTE and FMONO pins to “L”.
Input monaural signal (30% modulation, f = 300 Hz) to COM pin. Assume output voltage
of ROT pin “V300(MO)”.
Input monaural signal (30% modulation, f = 3 kHz) to COM pin. Assume output voltage
of ROT pin “V3k(MO)”.
VOMO2 = 20 log
V3k(MO)
V300(MO)
Execute the same operation for LOT pin.
Set MUTE and FMONO pins to “L”.
Input monaural signal (30% modulation, f = 300 Hz) to COM pin. Assume output voltage
of ROT pin “V300(MO)”.
Input monaural signal (30% modulation, f = 8 kHz) to COM pin. Assume output voltage
of ROT pin “V8k(MO)”.
VOMO3 = 20 log
V8k(MO)
V300(MO)
Execute the same operation for LOT pin.
Set MUTE and FMONO pins to “L”.
Input monaural signal (30% modulation, f = 300 Hz) to COM pin. Assume output voltage
of ROT pin “V300(MO)”.
Input monaural signal (30% modulation, f = 12 kHz) to COM pin. Assume output voltage
of ROT pin “V12k(MO)”.
VOMO4 = 20 log
V12k(MO)
V300(MO)
Execute the same operation for LOT pin.
Set ST/SAP, FMONO pins to “H” and MUTE pin to “L”.
Input L-only signal (30% modulation, f = 300 Hz) to COM pin. Assume output voltage of
LOT pin “V300(ST)”.
Input L-only signal (30% modulation, f = 1 kHz) to COM pin. Assume output voltage of
LOT pin “V1k(ST)”.
VOST1 = 20 log
V1k(ST)
V300(ST)
Execute the same operation for ROT pin (R-only signal).
Set ST/SAP, FMONO pins to “H” and MUTE pin to “L”.
Input L-only signal (30% modulation, f = 300 Hz) to COM pin. Assume output voltage of
LOT pin “V300(ST)”.
Input L-only signal (30% modulation, f = 3 kHz) to COM pin. Assume output voltage of
LOT pin “V3k(ST)”.
VOST2 = 20 log
V3k(ST)
V300(ST)
Execute the same operation for ROT pin (R-only signal).
Parameter
Difference
between monaural
L and R output
voltage
Monaural total
frequency
characteristics 1
Monaural total
frequency
characteristics 2
Monaural total
frequency
characteristics 3
Monaural total
frequency
characteristics 4
Stereo total
frequency
characteristics 1
Stereo total
frequency
characteristics 2
Symbol
VOLR
VOMO1
VOMO2
VOMO3
VOMO4
VOST1
VOST2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com