Electronic Components Datasheet Search
  English  ▼

X  

UPC1876 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPC1876
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1876 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UPC1876 Datasheet HTML 2Page - Renesas Technology Corp UPC1876 Datasheet HTML 3Page - Renesas Technology Corp UPC1876 Datasheet HTML 4Page - Renesas Technology Corp UPC1876 Datasheet HTML 5Page - Renesas Technology Corp UPC1876 Datasheet HTML 6Page - Renesas Technology Corp UPC1876 Datasheet HTML 7Page - Renesas Technology Corp UPC1876 Datasheet HTML 8Page - Renesas Technology Corp UPC1876 Datasheet HTML 9Page - Renesas Technology Corp UPC1876 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
µPC1876
4
Data Sheet S11666EJ4V0DS00
PIN CONFIGURATION (Top View)
42-pin plastic SSOP (9.53 mm (375))
PHASE COMPARATOR FILTER 2
COMPOSITE SIGNAL INPUT
142
D2
COM
PHASE COMPARATOR FILTER 1
SAP BPF OUTPUT
241
D1
SBO
PILOT DISCRIMINATION FILTER 2
SAP DISCRIMINATION FILTER INPUT
340
PD2
SDI
PILOT DISCRIMINATION FILTER 1
SAP DISCRIMINATION FILTER
439
PD1
SDT
STEREO VCO SETTING
NOISE DETECTION FILTER
538
STVA
NDT
FILTER ADJUSTMENT
637
FLTA
SAP VCO SETTING
SAP SINGLE OUTPUT
736
SAPVA
SOT
SAP SINGLE INPUT
835
1.5 V
SI
MONAURAL OFFSET ABSORPTION 1
934
VRE
VCA OFFSET ABSORPTION
STEREO VCO FREE-RUN MONITOR SWITCH
10
33
MOA2
fHSW
SIGNAL GND
VARIABLE EMPHASIS OUTPUT
11
32
MOA1
VEO
WIDE-BAND VCA INPUT
12
31
GND
WBVI
L CHANNEL OUTPUT
POWER SUPPLY (9 V)
13
30
VOA
VCC
R CHANNEL OUTPUT
SPECTRAL RMS OFFSET ABSORPTION
14
29
LOT
SRB
WIDE-BAND RMS OFFSET ABSORPTION
15
28
ROT
WRB
F-MONAURAL SELECTION
TIMING CURRENT SETTING
16
27
IC
ITI
MATRIX MUTE
WIDE-BAND RMS SETTING
17
26
FMONO
WBA
STEREO/SAP SWITCH
SPECTRAL RMS SETTING
18
25
MUTE
SPA
SAP 1/2 SWITCH
SPECTRAL RMS TIMING
19
24
ST/SAP
STI
STEREO LED DRIVER/
STEREO VCO FREE-RUN MONITOR
WIDE-BAND RMS TIMING
20
23
SAP1/2
WTI
LED GND
21
22
STL
LGND
DCO
SAPL
DC OUTPUT
SAP LED DRIVER
INTERNAL CONNECTION
MONAURAL OFFSET ABSORPTION 2
BIAS (1.5 V)
φ
φ
1/2 VCC FILTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com