Electronic Components Datasheet Search
  English  ▼

X  

UPC1876 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # UPC1876
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1876 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button UPC1876 Datasheet HTML 33Page - Renesas Technology Corp UPC1876 Datasheet HTML 34Page - Renesas Technology Corp UPC1876 Datasheet HTML 35Page - Renesas Technology Corp UPC1876 Datasheet HTML 36Page - Renesas Technology Corp UPC1876 Datasheet HTML 37Page - Renesas Technology Corp UPC1876 Datasheet HTML 38Page - Renesas Technology Corp UPC1876 Datasheet HTML 39Page - Renesas Technology Corp UPC1876 Datasheet HTML 40Page - Renesas Technology Corp UPC1876 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
µPC1876
35
Data Sheet S11666EJ4V0DS00
7.
MEASURING CIRCUIT
Notes 1. Filter: 126XGS-7990Z, manufactured by Toko Co. Ltd.
2. Do not leave the Internally Connected (IC) pin open because it is a base-open pin. Connect this pin to VCC
or GND.
Remark Use the following for external parts.
Resistor (
∗) : Metal film resistor (±1%). Unless otherwise specified; ±5%
Capacitors (
∗∗) : Tantalum capacitor (±10%). Unless otherwise specified; ±20%
Variable resistors:
±10%
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
1 k
Ω
+
+
ST
SAP
1 k
Ω
20 k
Ω
6.8 k
Ω
2.2 k
Ω
IC
Rch
Lch
10 F
10 F
3.3 F
∗∗
∗∗
51 k
Ω
100 k
Ω
51 k
Ω
50 k
Ω
5.1 k
Ω
3 k
Ω
+
+
1 F
1 F
+
0.1 F
47 F
10 F
1 F
∗56 kΩ
∗56 kΩ
0.1 F
0.1 F
1.5 V pin
10 k
Ω
22 F
∗33 kΩ
∗33 kΩ
∗47 kΩ
10 k
Ω
20 k
Ω
+
+
–
100 F
0.1 F
+
GND
VCC (9 V)
+
1 k
Ω
4.7 F
1F
0.1 F
0.1 F
+
0.47 F
0.047 F
+
2.2 F
0.01 F
68 k
Ω
20 k
Ω
ATT
GND
465Z
(manufactured by
EIDEN Co. Ltd.)
OUT
SG
fH
PC842C
2/2
1 M
Ω
10 k
Ω
6.8 k
Ω
+
–
+
10 F
+
10 F
+
30 k
Ω
91 k
Ω
3 k
Ω
10 F
Note 1
Note 2
1
2
3
6
4
PC842C
1/2
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com