Electronic Components Datasheet Search
  English  ▼

X  

UPD75P218KB Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD75P218KB
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P218KB Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD75P218KB Datasheet HTML 1Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 2Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 3Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 4Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 5Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 6Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 7Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 8Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Printed in Japan
Document No.
IC-2541A
(O.D. No.
IC-7962A)
Date Published
March 1993 P
MOS INTEGRATED CIRCUIT
µPD75P218
4-BIT SINGLE-CHIP MICROCOMPUTER
The
µPD75P218 is a one-time PROM version that can be written to only once or an EPROM version that allows
program writing, erasing, and rewriting, of the
µPD75218 Note.
Since the program can be written by the user, the
µPD75P218 is suitable for preproduction use during
system development, or limited production.
Read this material together with the
µPD75218 materials.
Note Under development
FEATURES
•
µPD75218 compatible
• On-chip 16K-byte mode/32K-byte mode switching function
• Operates at the same power supply voltage range (2.7 to 6.0 V) as the mask ROM version
µPD75218.
• 32640
× 8 bits of PROM
• 1024
× 4 bits of RAM
• No pull-down resistor for Port 6
• High breakdown voltage display output
•
S0 to S8, T0 to T9 : On-chip pull-down resistor
•
S9, T10 to T15
: Open drain
• No power-on reset circuit
Caution No mask-option pull-down resistor is provided.
ORDERING INFORMATION
Part Number
Package
Quality Grade
µPD75P218CW
64-pin plastic shrink DIP (750 mil)
Standard
µPD75P218GF-3BR
64-pin plastic QFP (14
× 20 mm)
Standard
µPD75P218KB
64-pin ceramic LCC with window (14
× 20 mm)
Standard
Please refer to "Quality grade on NEC Semiconductor Devices" (Document number IEI-1209) published by
NEC Corporation to know the specification of quality grade on the devices and its recommended applications.
The word “PROM” in this document refers to the common parts of the one-time PROM products and
EPROM products.
The information in this document is subject to change without notice.
©
1989
DATA SHEET
NEC CORPORATION 1991



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com