Electronic Components Datasheet Search
  English  ▼

X  

UPD75P218KB Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD75P218KB
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P218KB Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD75P218KB Datasheet HTML 17Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 18Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 19Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 20Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 21Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 22Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 23Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 24Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
19
µPD75P218
DC Characteristics (Ta = –40 to +70 ˚C, V DD = 2.7 to 6.0 V)
Parameter
High-level input voltage
Low-level input voltage
High-level output voltage
Low-level output voltage
High-level input leakage
current
Low-level input leakage
current
High-level output leakage
current
Low-level output leakage
current
Display output current
On-chip pull-down resistor
Note 1
Power supply current
MAX.
VDD
VDD
VDD
VDD
VDD
0.3VDD
0.2VDD
0.4
2.0
0.4
0.5
3
20
–3
–20
3
–3
–10
135
18.0
2.5
4000
1350
12.0
1.5
2700
900
300
60
15
20
10
Unit
V
V
V
V
V
V
V
V
V
V
V
V
V
µA
µA
µA
µA
µA
µA
µA
mA
mA
k
Ω
mA
mA
µA
µA
mA
mA
µA
µA
µA
µA
µA
µA
µA
TYP.
0.4
–5.5
–22
70
6.5
0.85
1350
450
4.0
0.55
900
300
100
20
5
0.5
0.1
MIN.
0.7VDD
0.75VDD
VDD – 0.4
0.65VDD
0.7VDD
0
0
0
VDD – 1.0
VDD – 0.5
–3
–15
25
Symbol
VIH1
VIH2
VIH3
VIH4
VIL1
VIL2
VIL3
VOH
VOL
ILIH1
ILIH2
ILIL1
ILIL2
ILOH
ILOL1
ILOL2
IOD
RL
IDD1
IDD2
IDD1
IDD2
IDD3
IDD4
IDD5
Conditions
All except ports 0, 1, 6; X1, X2, XT1, RESET
Port 0, 1, RESET
X1, X2, XT1
Port 6
All except ports 0, 1, 6; X1, X2, XT1, RESET
Port 0, 1, 6, RESET
X1, X2, XT1
All outputs
Port 4, 5
All outputs
All except X1, X2, XT1
X1, X2, XT1
All except X1, X2, XT1
X1, X2, XT1
All outputs
All except display
outputs
Display outputs
S0-S9
T0-T15
Display outputs
6.0 MHz crystal
oscillator
4.19 MHz crystal
oscillator
C1 = C2 = 15 pF
Note 4
32kHz crystal
oscillator
XT1 = 0 V
STOP mode
VDD = 4.5 to 6.0 V
VDD = 4.5 to 6.0 V, IOH = –1 mA
IOH = –100
µA
VDD = 4.5 to 6.0 V, IOL = 15 mA
VDD = 4.5 to 6.0 V, IOL = 1.6 mA
IOL = 400
µA
VIN = VDD
VIN = 0 V
VOUT = VDD
VOUT = 0 V
VOUT = VLOAD = VDD – 35 V
VDD = 4.5 to 6.0 V
VOD = VDD – 2 V
VOD – VLOAD = 35 V
VDD = 5 V
± 10 % Note 2
VDD = 3 V
± 10 % Note 3
HALT mode
VDD = 5 V
± 10 %
VDD = 3 V
± 10 %
VDD = 5 V
± 10 % Note 2
VDD = 3 V
± 10 % Note 3
HALT mode
VDD = 5 V
± 10 %
VDD = 3 V
± 10 %
VDD = 3 V
± 10 %
HALT mode
VDD = 3 V
± 10 %
STOP mode
VDD = 3 V
± 10 %
VDD = 5 V
± 10 %
VDD = 3 V
± 10 %
Notes 1. Does not include pull-down resistor current.
2. Value during high-speed operation and when the processor clock control (PCC) register is set to 0011.
3. Value during low-speed operation and when the PCC register is set to 0000.
4. Value when the system clock control register (SCC) is set to 1001, generation of the main system
clock pulse is stopped, and the CPU is operated by the subsystem clock pulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com