Electronic Components Datasheet Search
  English  ▼

X  

UPD75P218KB Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # UPD75P218KB
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P218KB Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button UPD75P218KB Datasheet HTML 16Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 17Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 18Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 19Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 20Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 21Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 22Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 23Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
18
µPD75P218
Recommended Oscillation Circuit Constants
Main System Clock: Ceramic Resonator (Ta = –40 to +70 ˚C)
Manufacturer
Murata
Kyocera
Part number
CSA
×××MG
CST
×××MT
CSA
×××MG093
CST
×××MGW093
CSA
×××MGU
CST
×××MGWU
CSA
×××MG
CST
×××MGW
CSA
×××MG
CST
×××MGW
KBR – 2.0MS
KBR – 4.0MWS
KBR – 4.19MWS
KBR – 6.0MWS
Frequency
(MHz)
2.00 - 2.44
2.45 - 3.50
2.51 - 6.00
2.45 - 3.50
2.51 - 6.00
2.0
4.0
4.19
6.0
Capacitance (pF)
Oscillation voltage (V)
MAX.
6.0
6.0
MIN.
2.7
3.0
3.3
2.7
MAX.
30
On-chip
30
On-chip
30
On-chip
30
On-chip
30
On-chip
47
33
MIN.
30
On-chip
30
On-chip
30
On-chip
30
On-chip
30
On-chip
47
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com