Electronic Components Datasheet Search
  English  ▼

X  

UPD75P218KB Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # UPD75P218KB
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P218KB Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button UPD75P218KB Datasheet HTML 7Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 8Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 9Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 10Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 11Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 12Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 13Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 14Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
9
µPD75P218
2.
DIFFERENCES BETWEEN THE
µPD75P218 AND THE µPD75P216A, 75217, 75218
Item
ROM
RAM
FIP control-
ler/driver
Pull-down
resistors
Pin connec-
tion
Operating ambient tempera-
ture
Power supply voltage
Stack area
16K-byte mode/32K-byte
mode switching function
Package
Part number
segments
digits
P60 - P63
S0 - S8, T0 - T9
SD9, T10 - T15
P10
P30 - P33
VPRE
µPD75P216A
One-time PROM
16K
× 8
512
× 4
µPD75217
Mask ROM
24K
× 8
768
× 4
µPD75218 Note
Mask ROM
32K
× 8
µPD75P218
PROM
32K
× 8
1024
× 4
9 - 16 segments
9 - 16 digits
Not available
On-chip
Not available
(open drain)
INT0/VPP
(common use)
MD0 - MD3
(common use)
Not available (NC)
–10 to +70 ˚C
5 V
± 10 %
Bank 0
64-pin plastic
shrink DIP
Mask-option
Mask-option
Mask-option
INT0 (common use)
No common use
Available
–40 to +85 ˚C
64-pin plastic shrink DIP
64-pin plastic QFP
Not available
On-chip
Not available
(open drain)
INT0/VPP
(common use)
MD0 - MD3
(common use)
Not available (NC)
–40 to +70 ˚C
Available
64-pin plastic
shrink DIP
64-pin plastic QFP
64-pin ceramic
LCC with window
2.7 - 6.0 V
Bank 0 - 3
Bank 0 - 2
Not available
Note Under development



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com