Electronic Components Datasheet Search
  English  ▼

X  

UPD75P218KB Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPD75P218KB
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P218KB Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UPD75P218KB Datasheet HTML 2Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 3Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 4Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 5Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 6Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 7Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 8Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 9Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
4
µPD75P218
1.
PIN FUNCTIONS
1.1
PORT PINS
Pin name
P00
P01
P02
P03
P10
P11
P12
P13
P20
P21
P22
P23
P30 - P33
P40 - P43
P50 - P53
P60 - P63
PH0
PH1
PH2
PH3
Function
4-bit input port (PORT0).
4-bit input port (PORT1).
With noise elimination
function
4-bit I/O port (PORT2).
Programmable 4-bit I/O port (PORT3).
I/O can be specified bit by bit.
When reset
Input
Input
Input
Input
Input
Input
Input
High
impedance
8-bit
I/O
×
×
×
×
Input/
output
Input
I/O
I/O
Input
Input
I/O
I/O
I/O
I/O
I/O
Output
Shared
pin
INT4
SCK
SO
SI
INT0/VPP
INT1
INT2
TI0
–
–
–
BUZ
MD0 - MD3
–
–
–
T13/S12
T12/S13
T11/S14
T10/S15
4-bit I/O port (PORT4).
Can directly drive LEDs.
4-bit I/O port (PORT5).
Can directly drive LEDs.
Data input/output pins
for the PROM write and
verify (Four low-order
bits).
Data input/output pins
for the PROM write and
verify (Four high-order
bits).
Programmable 4-bit I/O port (PORT6).
I/O can be specified bit by bit.
Suitable for key input.
4-bit P-ch open drain high breakdown voltage large
current output port (PORTH).
Can directly drive LEDs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com