Electronic Components Datasheet Search
  English  ▼

X  

UPD75P218KB Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # UPD75P218KB
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P218KB Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button UPD75P218KB Datasheet HTML 15Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 16Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 17Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 18Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 19Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 20Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 21Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 22Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
17
µPD75P218
Main System Clock Configurations (Ta = –40 to +70 ˚C, V DD = 2.7 to 6.0 V)
Resonator
Ceramic
resonator
Crystal
resonator
External
clock
Recommended constants
Parameter
Note 1
Oscillation (fXX)
frequency
Note 2
Oscillation
stabilization time
Note 1
Oscillation
frequency (fXX)
Note 2
Oscillation
stabilization time
Note 1
X1 input fre-
quency (fX)
X1 input high-
and low-level
width (tXH, tXL)
Conditions
VDD = Oscillator
operating
voltage
range
After VDD reaches
the minimum
oscillator operat-
ing voltage range
VDD = 4.5 to 6.0 V
MIN.
2.0
2.0
2.0
81
TYP.
4.19
MAX.
6.2
4
6.2
10
30
6.2
250
Unit
MHz
ms
MHz
ms
ms
MHz
ns
Subsystem Clock Configurations (Ta = –40 to +70 ˚C, V DD = 2.7 to 6.0 V)
Resonator
Crystal
resonator
External
clock
Recommended constants
Parameter
Note 1
Oscillation
frequency (fXT)
Note 2
Oscillation
stabilization time
XT1 input
frequency (fXT)
XT1 input high-
and low-level
width (tXTH, tXTL)
Conditions
VDD = 4.5 to 6.0 V
MIN.
32
32
5
TYP.
32.768
1.0
MAX.
35
2
10
100
15
Unit
kHz
s
s
kHz
µs
Notes 1. The oscillator frequency and input frequency indicate only the oscillator characteristics.
Refer to the AC Characteristics for the instruction execution time.
2. The oscillation stabilization time is the time required for the oscillation to stabilize after VDD is applied
and reaches the VDD spec or after STOP mode is released.
Capacitance (Ta = 25 ˚C, V DD = 0 V)
MIN.
Symbol
CIN
COUT
CIO
Unit
pF
pF
pF
pF
MAX.
15
15
35
15
TYP.
Conditions
f = 1 MHz
Unmeasured pins returned to 0 V
Parameter
Input capacitance
Output
capacitance
Input/Output capacitance
Other than
display output
Display output
X1
X2
C1
C2
X1
X2
C1
C2
X1
X2
mPD74HCU04
XT1
XT2
C3
C4
330 kW
XT1
XT2
Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com