Electronic Components Datasheet Search
  English  ▼

X  

UPD75P218KB Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # UPD75P218KB
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P218KB Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button UPD75P218KB Datasheet HTML 28Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 29Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 30Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 31Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 32Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 33Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 34Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 35Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
30
µPD75P218
7.
RECOMMENDED SOLDERING CONDITIONS
The following conditions (See table below) must be met when soldering this product.
Please consult with our sales offices in case other soldering process is used, or in case soldering is done
under different conditions.
For more details, refer to our document “SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL”
(IEI-1207).
TYPE OF SURFACE MOUNT DEVICE
µPD75P218GF-3BR
Soldering Process
Wave Soldering
Infrared Ray Reflow
VPS
Partial Heating
Method
Soldering Conditions
Solder temperature: 260 ˚C or lower,
Flow time: 10 seconds or less,
Exposure limit Note:
7 days (10 hour pre-baking is required at 125 ˚C
afterwards)
Number of flow processes: 1
Peak temperature of package surface: 230 ˚C or lower
Reflow time: 30 seconds or less (210 ˚C or higher),
Number of reflow processes: 1
Exposure limit Note:
7 days (10 hour pre-baking is required at 125 ˚C
afterwards)
Peak temperature of package surface: 215 ˚C or lower
Reflow time: 40 seconds or less (200 ˚C or higher),
Number of reflow processes: 1
Exposure limit Note:
7 days (10 hour pre-baking is required at 125 ˚C
afterwards)
Pin temperature: 300 ˚C or lower,
Time: 3 seconds or less (Per side of the package)
Symbol
WS60-107-1
IR30-107-1
VP15-107-1
–
Note Exposure limit before soldering after dry-pack package is opened. Storage conditions: 25 ˚C and
relative humidity at 65 % or less.
Caution Do not apply more than one soldering method at any one time, except for "Partial heating method".
TYPE OF THROUGH HOLE DEVICE
µPD75P218CW
Soldering Conditions
Solder temperature: 260 ˚C or lower,
Flow time: 10 seconds or less
Pin temperature: 260 ˚C or lower,
Time: 10 seconds or less
Soldering Process
Wave Soldering
(only lead part)
Partial Heating
Method
Caution This wave soldering should be applied only to lead part, and do not jet molten solder on the surface
of package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com