Electronic Components Datasheet Search
  English  ▼

X  

UPD75P218KB Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # UPD75P218KB
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P218KB Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button UPD75P218KB Datasheet HTML 10Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 11Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 12Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 13Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 14Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 15Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 16Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 17Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
12
µPD75P218
4.
PROM (PROGRAM MEMORY) WRITE AND VERIFY
The PROM contained in the
µPD75P218 is one-time PROM or EPROM for writing, erasing, and rewriting.
Table 4-1 shows the pin functions during the write and verify cycles. Note that it is not necessary to enter
an address, because the address is updated by pulsing the X1 clock pins.
Table 4-1 PROM Write and Verify Pin Functions
Pin Name
VPP
X1, X2
MD0 - MD3
P40 - P43 (Four low-order bits)
P50 - P53 (Four high-order bits)
VDD
Function
Normally 2.7 to 6 V; 12.5 V is applied during the write/verify cycles.
After a write/verify write, the X1 and X2 clock pins are pulsed.
The inverted signal of the X1 should be input to the X2.
Note that these pins are also pulsed during a read.
Operation mode selection pins during the write/verify cycles
8-bit data input/output pins during the write/verify cycles
Supply voltage
Normally 2.7 to 6 V; 6 V is applied during the write/verify cycles.
Cautions 1. The pins not used for write and verify should be processed as follows.
Port 0 - 2, Port 6, XT1
S0 - S9, T0 - T15
···· Connect to GND (directly connectable)
RESET, PPO, VLOAD
XT2 ·········································
Open
2. An opaque film should be placed over the UV erase window of the
µPD75P218KB except when
erasing the EPROM contents.
3. The
µPD75P218CW/GF does not have a UV erase window, thus the PROM contents cannot be
erased with ultraviolet ray.
4.1
PROM WRITE AND VERIFY OPERATION
When +6 V and +12.5 V are applied to the VDD and VPP pins, respectively, the PROM is placed in the write/
verify mode. The operation is selected by the MD0 to MD3 pins, as shown in Table 4-2.
Table 4-2 PROM Write and Verify Operation Mode
Operation Mode
Clear program memory address to 0
Write mode
Verify mode
Program inhibit
Operation Mode Specification
VPP
VDD
MD0
MD1
MD2
MD3
+12.5 V
+6 V
H
L
H
L
L
HHH
LL
H
H
H
×
HH
×: Don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com