Electronic Components Datasheet Search
  English  ▼

X  

UPD75P218KB Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # UPD75P218KB
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P218KB Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button UPD75P218KB Datasheet HTML 13Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 14Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 15Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 16Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 17Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 18Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 19Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 20Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
15
µPD75P218
4.4
ERASING METHOD
The program data contents of the
µPD75P218KB are erased by lighting ultraviolet ray whose wavelength
is about 250 nm on the window. The minimum amount of radiation exposure required to erase the contents
completely is 15 W·s/cm2 (ultraviolet ray strength times erase time).
This corresponds to about 15 to 20 minutes when using a UV lamp on the market (wavelength 254 nm,
strength 12 mW/cm2).
Cautions 1. The programmed data contents may also be erased if the uncovered window is exposed to direct
sunlight or a fluorescent light even for several hours. Thus, to protect the data contents, cover
the window with an opaque film.
NEC attaches quality-tested shading film to the UV EPROM products for shipping.
2. For normal EPROM erase, the distance between the light source and the window should be 2.5
cm or less.
Remark The erase time may be prolonged if the UV lamp is old or if the device window is dirty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com