Electronic Components Datasheet Search
  English  ▼

X  

UPD75P218KB Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPD75P218KB
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P218KB Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPD75P218KB Datasheet HTML 3Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 4Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 5Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 6Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 7Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 8Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 9Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 10Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
5
µPD75P218
1.2
NON-PORT PINS
Pin name
T0 - T9
T10/S15 -
T13/S12
T14/S11,
T15/S10
S9
S0 - S8
PPO
TI0
SCK
SO
SI
INT4
INT0
INT1
INT2
BUZ
X1, X2
XT1, XT2
RESET
MD0 - MD3
VPP
VLOAD
VDD
VSS
NC Note 3
Function
Note 1
High breakdown voltage large current output pin
for digit output
Note 2
High breakdown voltage large current output pin
for digit/segment output
The remainder of the pins can be used as PORTH.
High breakdown voltage large current output pin
for digit/segment output
Static output is also available.
High breakdown voltage output pin for segment
output
Static output is also available.
Note 1
High breakdown voltage output pin for segment
output
Output for receiving pulse signal for timer/pulse generator
Input for receiving external event pulse signal for timer/
event counter
Serial clock I/O
Serial data output or serial data I/O
Serial data input or normal input
Edge detection vectored interrupt input
(either rising edge or falling edge detection)
Edge detection vectored interrupt input with noise elimination
(detection edge selectable)
Edge detection testable input (rising edge detection)
Fixed frequency output pin (for buzzer or system clock trimming)
Crystal/ceramic resonator connection for main system clock
generation.
When external clock is used, it is applied to X1, and its
reserve phase signal is applied to X2.
Crystal connection for subsystem clock generation.
When external clock is used, it is applied to XT1, and XT2 is open.
System reset input (low level active)
Operation mode selection pins during the PROM write/verify cycles
+12.5 V is applied as the programming voltage during the
PROM write/verify cycles
Pull-down resistor connection pin of FIP® controller/driver
Positive power supply. +6 V is applied as the programming
voltage during the PROM write/verify cycles
GND potential
No connection
When reset
Low level
High
impedance
Low level
High
impedance
Input
Input
Input
Input
Input/
output
Output
Output
Input
I/O
I/O
Input
Input
Input
Input
I/O
Input
I/O
Shared
pin
–
PH3 - PH0
–
–
P13
P01
P02
P03
P00
P10/VPP
P11
P12
P23
–
–
–
P30 - P33
P10/INT0
–
–
–
–
Note 1. On-chip pull-down resistor
2. Open drain output
3. When using a printed board with a
µPD75216A, 75217, or 75218, connect the NC pin to the VPRE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com