Electronic Components Datasheet Search
  English  ▼

X  

UPD75P218KB Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # UPD75P218KB
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD75P218KB Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button UPD75P218KB Datasheet HTML 11Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 12Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 13Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 14Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 15Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 16Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 17Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 18Page - Renesas Technology Corp UPD75P218KB Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
13
µPD75P218
4.2
PROM WRITE/VERIFY PROCEDURE
PROMs can be written at high speed using the following procedure: (see the following figure)
(1) Connect unused pins to VSS. Set the X1 pin low.
(2) Supply 5 volts to the VDD and VPP pins.
(3) Wait for 10
µs.
(4) Select the zero clear program memory address mode.
(5) Supply 6 volts to the VDD and 12.5 volts to the VPP pins.
(6) Select the program inhibit mode.
(7) Write data in the 1 ms write mode.
(8) Select the program inhibit mode.
(9) Select the verify mode. If the data is correct, proceed to step (10). If not, repeat steps (7), (8) and (9).
(10) Perform one additional write (duration of 1 ms
× number of writes at (7) to (9)).
(11) Select the program inhibit mode.
(12) Apply four pulses to the X1 pin to increment the program memory address by one.
(13) Repeat steps (7) to (12) until the end address is reached.
(14) Select the zero clear program memory address mode.
(15) Return the VDD and VPP pins back to + 5 volts.
(16) Turn off the power.
Fig. 4-1 PROM Write Timing
VPP
Write
Verify
Additional write
Address
increment
X repetition
VPP
VDD
VDD
VDD+1
VDD
X1
MD0
(P30)
P40 - P43
P50 - P53
MD1
(P31)
MD2
(P32)
MD3
(P33)
Input data
Output
data
Input data
X: number of writes performed at (7) to (9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com