Electronic Components Datasheet Search
  English  ▼

X  

RT3624LE Datasheet(PDF) 31 Page - Richtek Technology Corporation

Part # RT3624LE
Description  Dual Channel PWM Controller for IMVP9.1 CPU Core Power Supply
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3624LE Datasheet(HTML) 31 Page - Richtek Technology Corporation

Back Button RT3624LE Datasheet HTML 27Page - Richtek Technology Corporation RT3624LE Datasheet HTML 28Page - Richtek Technology Corporation RT3624LE Datasheet HTML 29Page - Richtek Technology Corporation RT3624LE Datasheet HTML 30Page - Richtek Technology Corporation RT3624LE Datasheet HTML 31Page - Richtek Technology Corporation RT3624LE Datasheet HTML 32Page - Richtek Technology Corporation RT3624LE Datasheet HTML 33Page - Richtek Technology Corporation RT3624LE Datasheet HTML 34Page - Richtek Technology Corporation RT3624LE Datasheet HTML 35Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
RT3624LE
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS3624LE-00
April
2022
www.richtek.com
31
Thermal Monitoring and Indicator
TSEN pin processes two functions of PIN-SETTING
(function setting) and thermal monitoring. After power
on, TSEN has three operation modes: PIN-SETTING,
Pre-Thermal Sense and Thermal Sense Mode. The
corresponding function blocks of the three modes are
shown in Figure 5. In PIN-SETTING Mode, TSEN pin
voltage = 3.2V x R2 / (R1+R2) with VREF = 3.2V and is
coded by ADC and stored in PIN-SETTING register. In
Pre-Thermal Sense Mode, TSEN pin voltage = 0.6V x
R2 / (R1+R2) with VREF = 0.6V and is coded and
stored in Pre-Thermal Register. This part helps
Thermal Sense Mode calculation. In Thermal Sense
Mode, TSEN pin voltage = 0.6V x R2 / (R1+R2) + 80uA
x [(R1//R2)+R3] with VREF = 0.6V and is coded.
Subtracting Pre-Thermal Register code, the result is
stored in Thermal Register. (The corresponding TSEN
voltage = 80
µA x [(R1//R2)+R3] that’s defined as
Thermal Voltage. R3 is the NTC thermistor network to
sense temperature.) NTC thermistor is recommended
to be placed near the MOSFET, the hottest area in the
PCB. Higher temperature causes smaller R3 and lower
TSEN. According to NTC thermistor temperature curve,
design Thermal Voltage v.s Temperature with proper
R3 network to meet Intel temperature zone. 100°C
Thermal Voltage = 80
µA x [(R1//R2)+R3(100°C)] =
1.105V must be required. Controller processes the
TSEN pin voltage to report temperature zone register.
While the TSEN pin voltage is less than 1.105V, the
VR_HOT is pulled low to indicate thermal alert. The
signal is an open-drain signal. Thermal Register data is
updated every 75
µs and averaging interval is 600µs.
The
resistance
accuracy
of
TSEN
network
is
recommended to be less than 1% error.
VREF =
3.2V
R1
R2
TSEN
80
μA
RNTC
PIN-SETTING
Register
ADC
Pre-Thermal
Register
1.105V
VDDIO
Thermal Register
-
+
Thermal Sense Mode
R3
VR_HOT
Figure 5. Multi-Function Pin Setting Mechanism for
TSEN
System Input Power Monitoring (PSYS)
The RT3624LE provides PSYS function to monitor total
platform system power and report to the CPU via SVID
interface. The PSYS function can be illustrated as in
Figure 6. PSYS meter measures system input current
and outputs a proportional current signal IPSYS. RPSYS
is designed for the PSYS voltage = 1.6V with maximum
IPSYS for 100% system input power. 1.6V is a full-scale
analog signal for FFh digitized code.
Input Power
Source
PSYS
ʺMeterʺ
RT3624LE
PSYS
CPU
IPSYS
SVID
Analog Current Signal
(Indicates system total
power)
VPSYS
RPSYS
Figure 6. PSYS Function Block Diagram
System Input Voltage Monitoring (VSYS)
The RT3624LE provides optional VSYS function to
monitor system input voltage. The threshold can be set
through
SVID
interface
and
FFh
digitized
code
indicates for 24V input voltage (24V/255 pre code).If
input voltage is lower than critical threshold, controller
asserts VR_HOT .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com