Electronic Components Datasheet Search
  English  ▼

X  

RT3624LE Datasheet(PDF) 34 Page - Richtek Technology Corporation

Part # RT3624LE
Description  Dual Channel PWM Controller for IMVP9.1 CPU Core Power Supply
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3624LE Datasheet(HTML) 34 Page - Richtek Technology Corporation

Back Button RT3624LE Datasheet HTML 30Page - Richtek Technology Corporation RT3624LE Datasheet HTML 31Page - Richtek Technology Corporation RT3624LE Datasheet HTML 32Page - Richtek Technology Corporation RT3624LE Datasheet HTML 33Page - Richtek Technology Corporation RT3624LE Datasheet HTML 34Page - Richtek Technology Corporation RT3624LE Datasheet HTML 35Page - Richtek Technology Corporation RT3624LE Datasheet HTML 36Page - Richtek Technology Corporation RT3624LE Datasheet HTML 37Page - Richtek Technology Corporation RT3624LE Datasheet HTML 38Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
RT3624LE
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS3624LE-00
April
2022
34
ISENxP
ISENxN
RX1
CX
VGTUS
+
-
RCSx=680ohm
ILx
Gm
ICS,PERx
ICBx
IZDx
IOCx
IIMONx
+
-
VCSIN
RX2
Option
LX
DCR
Figure 9. Inductor DCR Current Sensing Method for
GTUS/VCCSA
LX
DCR
RX1
CX
VAUX
+
-
ILx
Gm
+
-
VCSIN
IMON_AUX
RX2
Option
ISENP_AUX
ISENN_AUX
ICS_AUX
Figure 10. Inductor DCR Current Sensing Method for
AUX
Lx
R
C
=
xx
DCRx
×
Lx
R
C
<
xx
DCRx
×
Lx
R
C
>
xx
DCRx
×
Sluggish droop
Undershoot created in VOUT
VOUT
VIMON
OUT
LL
I
x R
∆
OUT
I
∆
Ideal load transient waveform
VOUT
VIMON
OUT
LL
I
x R
∆
OUT
I
∆
VOUT
VIMON
OUT
LL
I
x R
∆
OUT
I
∆
Figure 11. All Kinds of RC Network Time Constant
Total Current Sense/ICCMAX Setting/Current
Monitoring
To compensate DCR positive temperature coefficient,
conventional current sense method needs an NTC
resistor for per phase current loop. The RT3624LE
adopts a patented total current sense method that
requires
only
one
NTC
resistor
for
thermal
compensation. The NTC resistor is designed within
IMON resistor network on IMON pin. It is suggested to
be placed near the inductor of the first phase. Figure 12
shows the configuration. All phase current signals are
gathered to IMON pin and converted to a voltage signal
VIMON by RIMON,EQ based on VREF pin. The VREF pin
provides 0.6V voltage source (as presented as VVREF)
during normal operation. The relationship between
VIMON and inductor current ILx is :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com