Electronic Components Datasheet Search
  English  ▼

X  

RT3624LE Datasheet(PDF) 41 Page - Richtek Technology Corporation

Part # RT3624LE
Description  Dual Channel PWM Controller for IMVP9.1 CPU Core Power Supply
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3624LE Datasheet(HTML) 41 Page - Richtek Technology Corporation

Back Button RT3624LE Datasheet HTML 37Page - Richtek Technology Corporation RT3624LE Datasheet HTML 38Page - Richtek Technology Corporation RT3624LE Datasheet HTML 39Page - Richtek Technology Corporation RT3624LE Datasheet HTML 40Page - Richtek Technology Corporation RT3624LE Datasheet HTML 41Page - Richtek Technology Corporation RT3624LE Datasheet HTML 42Page - Richtek Technology Corporation RT3624LE Datasheet HTML 43Page - Richtek Technology Corporation RT3624LE Datasheet HTML 44Page - Richtek Technology Corporation RT3624LE Datasheet HTML 45Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
RT3624LE
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS3624LE-00
April
2022
www.richtek.com
41
ACLL Performance Enhancement
The RT3624LE provides another optional function to
improve undershoot by applying a positive offset at
loading edge. Controller detects the COMP signal and
compares it with steady state. While VCOMP variation
exceeds a threshold, an additional positive offset is
added to the output voltage. The threshold can be set
through PIN-SETTING separately for PS0 and PS1 as
listed in Table 16. The smaller index indicates that the
detection is triggered easily. The positive offset is
related to the compensation.
The ACLL performance enhancement threshold can
approximate to 60mV/
VEA2
VEA1
.
In PS0, the slew rate of
VRAMP increases when the VCOMP intersects the
positive offset in order to send out another on-time
earlier to improve undershoot. In PS1, except for the
positive offset, an additional 10mV is applied to the
DAC and one pulse of PWM is also forced to turn on
while the function is triggered. The positive offset is
released gradually in about hundred micro-second.
Figure 20 and Figure 21 show undershoot suppression
behavior in PS0 and PS1. For different platform, the
optimized setting is different. The final setting must be
based on actual measurement.
Table 16. PIN-SETTING of Undershoot Suppression
UDS[1:0]
PS0 (Index)
PS1 (Index)
00
Disable
Disable
01
200
125
10
200
175
11
250
150
Load
Trigger UD
PWM
w/ UD
PWM
w/o UD
Figure 20. Undershoot Suppression Behavior in Multi Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com