Electronic Components Datasheet Search
  English  ▼

X  

RT3624LE Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT3624LE
Description  Dual Channel PWM Controller for IMVP9.1 CPU Core Power Supply
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3624LE Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT3624LE Datasheet HTML 7Page - Richtek Technology Corporation RT3624LE Datasheet HTML 8Page - Richtek Technology Corporation RT3624LE Datasheet HTML 9Page - Richtek Technology Corporation RT3624LE Datasheet HTML 10Page - Richtek Technology Corporation RT3624LE Datasheet HTML 11Page - Richtek Technology Corporation RT3624LE Datasheet HTML 12Page - Richtek Technology Corporation RT3624LE Datasheet HTML 13Page - Richtek Technology Corporation RT3624LE Datasheet HTML 14Page - Richtek Technology Corporation RT3624LE Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
RT3624LE
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS3624LE-00
April
2022
www.richtek.com
11
Typical Application Circuit
Platform:ADL-M9W
RT3624LE
50
VCC
29
PSYS
VRON
51
6
5
ISEN3N
ISEN3P
PWM3
48
1
2
DRVEN
41
DRVEN
RGNDA
30
FBA
32
COMPA
33
RGND
12
FB
10
COMP
9
VSENA
31
11
27
VSEN
SET4
26
SET3
VR_READY
14
18
VCLK
VDIO
15
16
17
To CPU
52
VIN/VSYS
VREF
IMON
IMONA
21
20
VR_HOT
ALERT
GND
53 (Exposed Pad)
Enable
IMON_AUX
28
ISEN2P
ISEN2N
SET1
SET2
19
TSEN
22
TSENA
23
46
7
8
45
34
35
ISENA2P
ISENA2N
37
36
VCC
PWM
BOOT
UGATE
PHASE
LGATE
PGND
RT9610C
44
EN
DRVEN
LOAD
VSSSA_SENSE
VCCSA_SENSE
VCCSA_OUT
ANS_EN
0V
5V
24
25
49
PWMA1
ISENA1P
ISENA1N
PWMA2
PWM1
ISEN1P
ISEN1N
PWM2
ISEN4N
ISEN4P
PWM4 47
4
3
DRVEN_F
42
VREF_SPS
13
DBLR_PS
40
39
38
ISENP_AUX
ISENN_AUX
R2
2.2
5V
C1
4.7µF
VREF
R13
2.2
VIN
C2
0.47µF
C3
0.47µF
R14
3.9
VREF
R22
10k
3.3V
R18
NC
R19
100
R20
45.3
R21
75
VCCST
VSSSA_SENSE
VCCSA_SENSE
VREF
RNTC2
VREF
C9
0.22µF
C10
1µF
5V
VIN
C11
0.1µF
C12
Q1
Q2
C14
0.1µF
R30
2.2
C13
R31
R35
680
R34
Optional
Optional
C15
0.1µF
R36
100
R37
100
C16
C18
Optional
R3
7.68k
R7
2.43k
R4
10.2k
R9
4.42k
R10
49.9
R5
41.2k
R11
10.2k
R6
26.7k
R12
7.15k
RNTC1
R15
1.96k
R16
732
R17
1.58k
10k/
β=3380
Optional
C7
C8
C6
Optional
Optional
C4
470pF
C5
120pF
R23
7.15k
R24
22.1k
100k/
β=4250
R25
10k
R26
8.66k
R27
511k
R28
110k
R32
536
R33
536
L1
0.33µH
22uF
x4
R29
10k
VCC
R38
10k
VCC
R39
10k
VCC
C17
47uF
x7
R1
10k
5V
43
R8
24.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com