Electronic Components Datasheet Search
  English  ▼

X  

RT3624LE Datasheet(PDF) 19 Page - Richtek Technology Corporation

Part # RT3624LE
Description  Dual Channel PWM Controller for IMVP9.1 CPU Core Power Supply
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3624LE Datasheet(HTML) 19 Page - Richtek Technology Corporation

Back Button RT3624LE Datasheet HTML 15Page - Richtek Technology Corporation RT3624LE Datasheet HTML 16Page - Richtek Technology Corporation RT3624LE Datasheet HTML 17Page - Richtek Technology Corporation RT3624LE Datasheet HTML 18Page - Richtek Technology Corporation RT3624LE Datasheet HTML 19Page - Richtek Technology Corporation RT3624LE Datasheet HTML 20Page - Richtek Technology Corporation RT3624LE Datasheet HTML 21Page - Richtek Technology Corporation RT3624LE Datasheet HTML 22Page - Richtek Technology Corporation RT3624LE Datasheet HTML 23Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
RT3624LE
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS3624LE-00
April
2022
www.richtek.com
19
Table 1. Summary of Pin Setting Functions
Function Setting
Symbol
Description
SET1
Divider Register [4]
Setting VBOOT of GTUS rail
VBOOT[4]
VBOOT[4]=0, 0V
VBOOT[4]=1, non-zero
Divider Register[3:0] GTUS VR ICCMAX
ICCMAX[3:0]
According to Platform, set GTUS VR's
corresponding ICCMAX.
IXR Register[4:1]
VCCSA VR ICCMAX
ICCMAX_A[4:1]
According to Platform, set VCCSA
VR's corresponding ICCMAX.
SET2
Divider Register[4]
Setting VBOOT of VCCSA rail VBOOT_A[4]
VBOOT_A[4]=0, 0V
VBOOT_A[4]=1, non-zero
Divider Register[3]
Selectable VID table
VIDT[3]
VIDT[3]=0, VID1(0V~1.52V)
VIDT[3]=1, VID2(0V~2.74V)
Divider Register[2:0]
GTUS VR TON width setting
(switching frequency)
kTON[2:0]
According to required frequency,
select adaptive kTON parameter.
IXR Register[4:2]
AUX VR ICCMAX
ICCMAX_AUX[4:2]
According to Platform, set AUX VR's
corresponding ICCMAX.
IXR Register[1]
Enable zero load-line for
GTUS and VCCSA VR
0LL[1]
0LL[1]=0: Disable zero load-line
0LL[1]=1: Enable zero load-line
SET3
Divider Register[4:3]
GTUS VR undershoot
suppression
UDS[4:3]
To improve undershoot by applying a
positive offset at loading edge. Set
trigger level.
Divider Register[2]
DVID Fast slew rate
DVID fast_SR[2]
DVID fast_SR[2][0] = 00, 1/2*Fast_P
DVID fast_SR[2][0] = 01, 3/4*Fast_P
DVID fast_SR[2][0] = 10, Fast_P
DVID fast_SR[2][0 ]= 11, Fast_S
Divider Register[1]
GTUS VR DVID
voltage-compensation level
DVID_LIFT[1]
DVID_LIFT[1] = 0: 10uA
DVID_LIFT[1] = 1: 20uA
Current sink from FB pin
Divider Register[0]
DVID Fast slew rate
DVID fast_SR[0]
DVID fast_SR[2][0] = 00, 1/2*Fast_P
DVID fast_SR[2][0] = 01, 3/4*Fast_P
DVID fast_SR[2][0] = 10, Fast_P
DVID fast_SR[2][0 ]= 11, Fast_S
IXR Register[4:3]
VCCSA VR undershoot
suppression
UDS_A[4:3]
To improve undershoot by applying a
positive offset at loading edge. Set
trigger level.
IXR Register[2]
VR_HOT assertion during
DVID current limit
VR_HOT _DVID[2]
VR_HOT _DVID[2] = 0,Enable
VR_HOT _DVID[2] = 1,Disable
IXR Register[1]
VCCSA VR DVID
voltage-compensation level
DVID_LIFT_A[1]
DVID_LIFT_A[1] = 0: 10uA
DVID_LIFT_A[1] = 1: 20uA
Current sink from FB pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com