Electronic Components Datasheet Search
  English  ▼

X  

RT3624LE Datasheet(PDF) 42 Page - Richtek Technology Corporation

Part # RT3624LE
Description  Dual Channel PWM Controller for IMVP9.1 CPU Core Power Supply
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3624LE Datasheet(HTML) 42 Page - Richtek Technology Corporation

Back Button RT3624LE Datasheet HTML 38Page - Richtek Technology Corporation RT3624LE Datasheet HTML 39Page - Richtek Technology Corporation RT3624LE Datasheet HTML 40Page - Richtek Technology Corporation RT3624LE Datasheet HTML 41Page - Richtek Technology Corporation RT3624LE Datasheet HTML 42Page - Richtek Technology Corporation RT3624LE Datasheet HTML 43Page - Richtek Technology Corporation RT3624LE Datasheet HTML 44Page - Richtek Technology Corporation RT3624LE Datasheet HTML 45Page - Richtek Technology Corporation RT3624LE Datasheet HTML 46Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
RT3624LE
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS3624LE-00
April
2022
42
Load
Trigger UD
PWM
w/ UD
PWM
w/o UD
Figure 21. Undershoot Suppression Behavior in Single Phase
Over-Current Protection (OCP)
The RT3624LE has sum OCP mechanisms and the threshold of sum OCP for PS0 is defined as
ISUM_OC,PS0=KSOCP×VIMON
ICCMAX×
RCS
DCR
×
1
RIMON,EQ
ISUM_OC,PS1,2,3=KSOCP1×VIMONICCMAX×
RCS
DCR
×
1
RIMON,EQ
ICCMAX<40, KSOCP=KSOCP1=1.6
ICCMAX>=40, KSOCP=1.3, KSOCP1=
1
phase number x KSOCP
While
RIMON,EQ
is
designed
exactly
to
meet
VIMONICCMAX=ICCMAX register value×
DCR
680Ω
×RIMON,EQ
,
ICCMAX register value=ICCMAX, and VIMONICCMAX=0.2V, 0.4V or 0.8V according to ICCMAX.
Sum OCP threshold can be simplified as ISUM_OC,PS0 =KSOCP×ICCMAX and ISUM_OC,PS1,2,3 =KSOCP1×ICCMAX. Note
that the modification of ICCMAX register value cannot change sum OCP threshold.
While inductor current above sum OCP threshold lasts 40
µs, controller de-asserts VR_READY and latches PWM in
tri-state to turn off high-side and low-side power MOSFETs. Sum OCP is masked during DV
ID period plus 80μs after
VID settles. It's also masked
when VID = 0V condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com