Electronic Components Datasheet Search
  English  ▼

X  

RT3624LE Datasheet(PDF) 43 Page - Richtek Technology Corporation

Part # RT3624LE
Description  Dual Channel PWM Controller for IMVP9.1 CPU Core Power Supply
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3624LE Datasheet(HTML) 43 Page - Richtek Technology Corporation

Back Button RT3624LE Datasheet HTML 39Page - Richtek Technology Corporation RT3624LE Datasheet HTML 40Page - Richtek Technology Corporation RT3624LE Datasheet HTML 41Page - Richtek Technology Corporation RT3624LE Datasheet HTML 42Page - Richtek Technology Corporation RT3624LE Datasheet HTML 43Page - Richtek Technology Corporation RT3624LE Datasheet HTML 44Page - Richtek Technology Corporation RT3624LE Datasheet HTML 45Page - Richtek Technology Corporation RT3624LE Datasheet HTML 46Page - Richtek Technology Corporation RT3624LE Datasheet HTML 47Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
RT3624LE
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS3624LE-00
April
2022
www.richtek.com
43
Sum OCP threshold
Inductor Current
VID
VR_READY
Sum OCP trigger
80
μs
Mask sum OCP
Inductor current>Sum OCP threshold
40
μs
40
μs
Figure 22. SUM OC Protection Mechanism
Over-Voltage Protection (OVP)
The
OVP
threshold
is
linked
with
VID.
The
classification table is illustrated in Table 17. While VID
= 0V, OVP is masked. When VID ramps up from VID =
0V till the first PWM after VID settles, OVP threshold is
2.45V to allow not-fully-discharged VSEN. Otherwise,
the OVP threshold is relative to VID and equals to
VID+350mV with minimum limit = 1.35V. While VID
≤
1.0V, the OVP threshold is limited at 1.35V.
The OV protection mechanism is illustrated in Figure
23 and Figure 24. When OVP is triggered with 0.5
µs
filter time, controller de-asserts VR_READY and forces
all PWMs low to turn on low-side power MOSFETs.
PWM remains low until the output voltage is pulled
down to below 2.1V for DVID up from 0V and below
VID for other conditions. After 60
µs from OVP trigger,
VID starts to ramp down to 0V with slow slew rate.
During the period, PWM is not allowed to turn on.
Controller controls PWM to be low or tri-state to pull
down the output voltage along with VID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com