Electronic Components Datasheet Search
  English  ▼

X  

RT3624LE Datasheet(PDF) 28 Page - Richtek Technology Corporation

Part # RT3624LE
Description  Dual Channel PWM Controller for IMVP9.1 CPU Core Power Supply
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3624LE Datasheet(HTML) 28 Page - Richtek Technology Corporation

Back Button RT3624LE Datasheet HTML 24Page - Richtek Technology Corporation RT3624LE Datasheet HTML 25Page - Richtek Technology Corporation RT3624LE Datasheet HTML 26Page - Richtek Technology Corporation RT3624LE Datasheet HTML 27Page - Richtek Technology Corporation RT3624LE Datasheet HTML 28Page - Richtek Technology Corporation RT3624LE Datasheet HTML 29Page - Richtek Technology Corporation RT3624LE Datasheet HTML 30Page - Richtek Technology Corporation RT3624LE Datasheet HTML 31Page - Richtek Technology Corporation RT3624LE Datasheet HTML 32Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
RT3624LE
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS3624LE-00
April
2022
28
Table 9. SET4 Pin Setting for ANTIOVS_TH and ANTIOVS_TH_A
VIXR_SET4 (mV)
ANTIOVS_TH
ANTIOVS_TH_A
50
90mV
90mV
150
150mV
250
210mV
350
Disable
450
150mV
90mV
550
150mV
650
210mV
750
Disable
850
210mV
90mV
950
150mV
1050
210mV
1150
Disable
1250
Disable
90mV
1350
150mV
1450
210mV
1550
Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com