Electronic Components Datasheet Search
  English  ▼

X  

RT3624LE Datasheet(PDF) 24 Page - Richtek Technology Corporation

Part # RT3624LE
Description  Dual Channel PWM Controller for IMVP9.1 CPU Core Power Supply
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3624LE Datasheet(HTML) 24 Page - Richtek Technology Corporation

Back Button RT3624LE Datasheet HTML 20Page - Richtek Technology Corporation RT3624LE Datasheet HTML 21Page - Richtek Technology Corporation RT3624LE Datasheet HTML 22Page - Richtek Technology Corporation RT3624LE Datasheet HTML 23Page - Richtek Technology Corporation RT3624LE Datasheet HTML 24Page - Richtek Technology Corporation RT3624LE Datasheet HTML 25Page - Richtek Technology Corporation RT3624LE Datasheet HTML 26Page - Richtek Technology Corporation RT3624LE Datasheet HTML 27Page - Richtek Technology Corporation RT3624LE Datasheet HTML 28Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
RT3624LE
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS3624LE-00
April
2022
24
Table 5. SET2 Pin Setting for ICCMAX_AUX and 0LL
VIXR_SET2 (mV)
ICCMAX_AUX(A)
0LL
50
10
Disable
150
Enable
250
15
Disable
350
Enable
450
20
Disable
550
Enable
650
25
Disable
750
Enable
850
30
Disable
950
Enable
1050
35
Disable
1150
Enable
1250
40
Disable
1350
Enable
1450
Reserved
Disable
1550
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com