Electronic Components Datasheet Search
  English  ▼

X  

RT3624LE Datasheet(PDF) 44 Page - Richtek Technology Corporation

Part # RT3624LE
Description  Dual Channel PWM Controller for IMVP9.1 CPU Core Power Supply
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3624LE Datasheet(HTML) 44 Page - Richtek Technology Corporation

Back Button RT3624LE Datasheet HTML 40Page - Richtek Technology Corporation RT3624LE Datasheet HTML 41Page - Richtek Technology Corporation RT3624LE Datasheet HTML 42Page - Richtek Technology Corporation RT3624LE Datasheet HTML 43Page - Richtek Technology Corporation RT3624LE Datasheet HTML 44Page - Richtek Technology Corporation RT3624LE Datasheet HTML 45Page - Richtek Technology Corporation RT3624LE Datasheet HTML 46Page - Richtek Technology Corporation RT3624LE Datasheet HTML 47Page - Richtek Technology Corporation RT3624LE Datasheet HTML 48Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
RT3624LE
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS3624LE-00
April
2022
44
Table 17. Summary of Over Voltage Protection
VID Condition
OVP Threshold
Example
Protection
Flag
Protection Action
Protection
Reset
VID=0
OVP is masked.
VREF=1V
VCC/VRON
Toggle
DVID up period from
0V to 1st PWM pulse
after VID settles
2.45V
VR_READY
latched
low. The output voltage
is pulled down to below
2.1V and then ramps
down to 0V.
DVID period from
non-zero VID
VID+350mV if VID
>1.0V, 1.35V if VID
≤1.0V
VID = 1.2V,
OVP threshold =
1.55V
VID = 0.9V,
OVP threshold =
1.35V
VR_READY
latched
low. The output voltage
is pulled down to below
VID and then ramps
down to 0V.
VID
≠0
VID+350mV if VID
>1.0V, 1.35V if VID
≤1.0V
VID = 1.2V,
OVP threshold =
1.55V
VID = 0.9V,
OVP threshold =
1.35V
OVP Threshold
VSEN
VR_READY
VID Down (Slow Slew rate)
Indicator
60
μs
PWM
0V
2.45V
2.1V
Figure 23. Over-Voltage Protection Mechanism for DVID up from 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com