Electronic Components Datasheet Search
  English  ▼

X  

VL53L8CH Datasheet(PDF) 10 Page - STMicroelectronics

Part # VL53L8CH
Description  Artificial intelligence enabler, high performance 8x8 multizone Time-of-Flight (ToF) sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L8CH Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VL53L8CH Datasheet HTML 6Page - STMicroelectronics VL53L8CH Datasheet HTML 7Page - STMicroelectronics VL53L8CH Datasheet HTML 8Page - STMicroelectronics VL53L8CH Datasheet HTML 9Page - STMicroelectronics VL53L8CH Datasheet HTML 10Page - STMicroelectronics VL53L8CH Datasheet HTML 11Page - STMicroelectronics VL53L8CH Datasheet HTML 12Page - STMicroelectronics VL53L8CH Datasheet HTML 13Page - STMicroelectronics VL53L8CH Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
3
Functional description
3.1
Software interface
This section describes the software interface of the device. The host customer application controls the VL53L8CH
using an application programming interface (API). The API implementation is delivered to the customer as a driver
(C code and reference Linux® driver). The driver provides the customer application with a set of high level
functions that allow control of the VL53L8CH firmware. This includes control of items such as device initialization,
ranging start/stop, and mode select.
Figure 7. VL53L8CH system functional description
3.2
Power state machine
Figure 8. Power state machine
Table 4. Power state description
Device state
Description
LP idle
LP (low-power) idle state with data retention
RAM and register content retained
Allow fast resume to HP (high-power)
I²C communication disabled if using LPn
HP idle
HP idle state
Device needs to be in HP idle state to start ranging
Power up state
Ranging
Full operation
VCSEL is active (pulsing)
VL53L8CH
Functional description
DS14310 - Rev 3
page 10/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com