Electronic Components Datasheet Search
  English  ▼

X  

VL53L8CH Datasheet(PDF) 12 Page - STMicroelectronics

Part # VL53L8CH
Description  Artificial intelligence enabler, high performance 8x8 multizone Time-of-Flight (ToF) sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L8CH Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VL53L8CH Datasheet HTML 8Page - STMicroelectronics VL53L8CH Datasheet HTML 9Page - STMicroelectronics VL53L8CH Datasheet HTML 10Page - STMicroelectronics VL53L8CH Datasheet HTML 11Page - STMicroelectronics VL53L8CH Datasheet HTML 12Page - STMicroelectronics VL53L8CH Datasheet HTML 13Page - STMicroelectronics VL53L8CH Datasheet HTML 14Page - STMicroelectronics VL53L8CH Datasheet HTML 15Page - STMicroelectronics VL53L8CH Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
4
I²C control interface
This section specifies the control interface. The I²C interface uses two signals: serial data line (SDA) and serial
clock line (SCL). Each device connected to the bus uses a unique address and a simple controller/target
relationship exists.
Both SDA and SCL lines are connected to a positive supply voltage using pull-up resistors located on the host.
Lines are only actively driven low. A high condition occurs when lines are floating and the pull-up resistors pull
lines up. When no data is transmitted both lines are high.
The controller device performs the clock signal (SCL) generation and initiates data transfer. The I²C bus on the
VL53L8CH has a maximum speed of 1 Mbits/s and uses a device 8-bit address of 0x52.
Figure 10. Data transfer protocol
Information is packed in 8-bit packets (bytes) always followed by an acknowledge bit, Ac for VL53L8CH
acknowledge and Am for controller acknowledge (host bus controller). The internal data is produced by sampling
SDA at a rising edge of SCL. The external data must be stable during the high period of SCL. The exceptions to
this are start (S) or stop (P) conditions when SDA falls or rises respectively, while SCL is high.
A message contains a series of bytes preceded by a start condition and followed by either a stop or repeated start
(another start condition but without a preceding stop condition) followed by another message. The first byte
contains the device address (0x52) and also specifies the data direction. If the least significant bit is low (that is,
0x52) the message is a controller-write-to-the-target. If the lsb is set (that is, 0x53) then the message is a
controller-read-from-the-target.
Figure 11. VL53L8CH I²C device address: 0x52
All serial interface communications with the Time-of-Flight sensor must begin with a start condition. The
VL53L8CH module acknowledges the receipt of a valid address by driving the SDA wire low. The state of the
read/write bit (lsb of the address byte) is stored and the next byte of data, sampled from the SDA, can be
interpreted. During a write sequence, the second byte received provides a 16-bit index, which points to one of the
internal 8-bit registers.
Figure 12. VL53L8CH data format (write)
VL53L8CH
I²C control interface
DS14310 - Rev 3
page 12/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com