Electronic Components Datasheet Search
  English  ▼

X  

VL53L8CH Datasheet(PDF) 18 Page - STMicroelectronics

Part # VL53L8CH
Description  Artificial intelligence enabler, high performance 8x8 multizone Time-of-Flight (ToF) sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L8CH Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VL53L8CH Datasheet HTML 14Page - STMicroelectronics VL53L8CH Datasheet HTML 15Page - STMicroelectronics VL53L8CH Datasheet HTML 16Page - STMicroelectronics VL53L8CH Datasheet HTML 17Page - STMicroelectronics VL53L8CH Datasheet HTML 18Page - STMicroelectronics VL53L8CH Datasheet HTML 19Page - STMicroelectronics VL53L8CH Datasheet HTML 20Page - STMicroelectronics VL53L8CH Datasheet HTML 21Page - STMicroelectronics VL53L8CH Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
5.2
SPI read messages
The controller sends the read command to the VL53L8CH. The controller then provides a clock to output the
status.
In read mode, the target writes the data to the controller. Transmission is ended by the controller. The reading
sequence starts with the first value of the MOSI equal to 0. The most significant bit is sent first (big-endian
format). Once the last bit of the address has been received, the device fetches the data internally. The device
then presents the data onto the MOSI pin by the next falling MCLK edge (half the MCLK period). This enables the
host to sample the data on the following rising edge. Once 8 bits of data have been received, the host sets the
NCS high. This terminates the process. More details of the SPI read timing are shown in Figure 19. SPI read
timing.
Figure 19. SPI read timing
If the host continues to toggle the MCLK after the last data bit has been read, the target goes into autoincrement
read mode. In this mode, the address is automatically incremented by the target, and the read data are
transmitted sequentially to the controller on the MISO line. More details of the SPI autoincrement read mode are
shown in Figure 20. SPI autoincrement read sequence.
Figure 20. SPI autoincrement read sequence
VL53L8CH
SPI read messages
DS14310 - Rev 3
page 18/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com