Electronic Components Datasheet Search
  English  ▼

X  

VL53L8CH Datasheet(PDF) 2 Page - STMicroelectronics

Part # VL53L8CH
Description  Artificial intelligence enabler, high performance 8x8 multizone Time-of-Flight (ToF) sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L8CH Datasheet(HTML) 2 Page - STMicroelectronics

  VL53L8CH Datasheet HTML 1Page - STMicroelectronics VL53L8CH Datasheet HTML 2Page - STMicroelectronics VL53L8CH Datasheet HTML 3Page - STMicroelectronics VL53L8CH Datasheet HTML 4Page - STMicroelectronics VL53L8CH Datasheet HTML 5Page - STMicroelectronics VL53L8CH Datasheet HTML 6Page - STMicroelectronics VL53L8CH Datasheet HTML 7Page - STMicroelectronics VL53L8CH Datasheet HTML 8Page - STMicroelectronics VL53L8CH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
Application
•
AI applications requiring multizone raw data
•
Cup rim detection for coffee machines and beverage dispensers
•
Floor sensing for robotics and vacuum cleaners
•
Gesture motion and hand posture recognition
•
People counting for smart buildings and smart homes
Description
The VL53L8CH is the perfect Time-of-Flight sensor enabling AI applications, with enhanced performance under
ambient light with a wide 65° diagonal FoV. The compact and normalized histogram (CNH) innovative data output
is specially designed for artificial intelligence (AI) applications requiring multizone raw data from a high
performance multizone ToF sensor.
The IR signal measured in each zone is sent as raw data to the host through each bin of the histogram. Highly
configurable, the user can program the resolution of the VL53L8CH up to 64 zones (8x8 zones), modify the
histogram resolution up to 128 bins, and define the bin width. All this CNH data is transmitted to the host through
I²C or SPI, up to 30 Hz, in addition to the standard processed data of the ToF sensor (ranging distance, signal
level, reflectance etc.).
The CNH data transform STMicroelectronics' Time-of-Flight ranging sensor into a versatile optical sensor, which
can enable endless AI-based applications. This CNH raw data sent to the host, on top of the standard ranging
data, opens the door to many new applications beyond simple distance measurements. From solid material
(carpet, wood, glass, mirror...) to gas or liquid (water, oil, chemical...), it becomes possible to detect the location
and the size of a cup in a coffee machine or beverage dispenser, to sense the floor material for robotics, and
develop advanced shape, motion, or hand posture recognition.
The VL53L8CH integrates a powerful new generation VCSEL, and two advanced metasurface lenses. The
integrated VCSEL emits fully invisible 940 nm IR light, which is Class 1 certified and safe for the eyes.
VL53L8CH
DS14310 - Rev 3
page 2/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com