Electronic Components Datasheet Search
  English  ▼

X  

VL53L8CH Datasheet(PDF) 23 Page - STMicroelectronics

Part # VL53L8CH
Description  Artificial intelligence enabler, high performance 8x8 multizone Time-of-Flight (ToF) sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L8CH Datasheet(HTML) 23 Page - STMicroelectronics

Back Button VL53L8CH Datasheet HTML 19Page - STMicroelectronics VL53L8CH Datasheet HTML 20Page - STMicroelectronics VL53L8CH Datasheet HTML 21Page - STMicroelectronics VL53L8CH Datasheet HTML 22Page - STMicroelectronics VL53L8CH Datasheet HTML 23Page - STMicroelectronics VL53L8CH Datasheet HTML 24Page - STMicroelectronics VL53L8CH Datasheet HTML 25Page - STMicroelectronics VL53L8CH Datasheet HTML 26Page - STMicroelectronics VL53L8CH Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
8
Ranging performances
8.1
Zone mapping
8.1.1
Zone mapping 4x4
Figure 24. Zone mapping in 4x4 mode shows the zone definition in 4x4 mode. There are 16 zones in total. They
increment along a row first before starting a new row. The physical view is from the device top into the lens. The
number of zones, as indicated in Figure 24. Zone mapping in 4x4 mode, corresponds to the zone IDs returned by
the sensor.
Figure 24. Zone mapping in 4x4 mode
8.1.2
Zone mapping 8x8
Figure 25. Zone mapping in 8x8 mode shows the zone definition in 8x8 mode. There are 64 zones in total. They
increment along a row first before starting a new row. The physical view is from the device top into the lens. The
number of zones, as indicated in Figure 25. Zone mapping in 8x8 mode, correspond to the zone IDs returned by
the sensor to the host.
Figure 25. Zone mapping in 8x8 mode
VL53L8CH
Ranging performances
DS14310 - Rev 3
page 23/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com