Electronic Components Datasheet Search
  English  ▼

X  

VL53L8CH Datasheet(PDF) 13 Page - STMicroelectronics

Part # VL53L8CH
Description  Artificial intelligence enabler, high performance 8x8 multizone Time-of-Flight (ToF) sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L8CH Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VL53L8CH Datasheet HTML 9Page - STMicroelectronics VL53L8CH Datasheet HTML 10Page - STMicroelectronics VL53L8CH Datasheet HTML 11Page - STMicroelectronics VL53L8CH Datasheet HTML 12Page - STMicroelectronics VL53L8CH Datasheet HTML 13Page - STMicroelectronics VL53L8CH Datasheet HTML 14Page - STMicroelectronics VL53L8CH Datasheet HTML 15Page - STMicroelectronics VL53L8CH Datasheet HTML 16Page - STMicroelectronics VL53L8CH Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
As data are received by the target, they are written bit by bit to a serial/parallel register. After each data byte has
been received by the target, an acknowledge is generated, the data are then stored in the internal register
addressed by the current index.
During a read message, the contents of the register addressed by the current index is read out in the byte
following the device address byte. The contents of this register are parallel loaded into the serial/parallel register
and clocked out of the device by the falling edge of SCL.
Figure 13. VL53L8CH data format (read)
At the end of each byte, in both read and write message sequences, an acknowledge is issued by the receiving
device (that is, the VL53L8CH for a write and the host for a read).
A message can only be terminated by the bus controller, either by issuing a stop condition or by a negative
acknowledge (that is, not pulling the SDA line low) after reading a complete byte during a read operation.
The interface also supports autoincrement indexing. After the first data byte has been transferred, the index is
automatically incremented by 1. The controller can therefore send data bytes continuously to the target until the
target fails to provide an acknowledge or the controller terminates the write communication with a stop condition.
If the autoincrement feature is used, the controller does not have to send address indexes to accompany the data
bytes.
Figure 14. VL53L8CH data format (sequential write)
Figure 15. VL53L8CH data format (sequential read)
VL53L8CH
I²C control interface
DS14310 - Rev 3
page 13/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com