Electronic Components Datasheet Search
  English  ▼

X  

VL53L8CH Datasheet(PDF) 38 Page - STMicroelectronics

Part # VL53L8CH
Description  Artificial intelligence enabler, high performance 8x8 multizone Time-of-Flight (ToF) sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L8CH Datasheet(HTML) 38 Page - STMicroelectronics

Back Button VL53L8CH Datasheet HTML 34Page - STMicroelectronics VL53L8CH Datasheet HTML 35Page - STMicroelectronics VL53L8CH Datasheet HTML 36Page - STMicroelectronics VL53L8CH Datasheet HTML 37Page - STMicroelectronics VL53L8CH Datasheet HTML 38Page - STMicroelectronics VL53L8CH Datasheet HTML 39Page - STMicroelectronics VL53L8CH Datasheet HTML 40Page - STMicroelectronics VL53L8CH Datasheet HTML 41Page - STMicroelectronics VL53L8CH Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
11.6.2
Shock precautions
Sensor modules house numerous internal components that are susceptible to shock damage. If a unit is subject
to excessive shock, is dropped on the floor, or a tray/reel of units is dropped on the floor, it must be rejected, even
if no apparent damage is visible.
11.6.3
Part handling
Handling must be done with nonmarring ESD safe carbon, plastic, or teflon tweezers. Ranging modules are
susceptible to damage or contamination. The customer is advised to use a clean assembly process until a
protective cover glass is mounted.
11.6.4
Compression force
A maximum compressive load of 25 N should be applied on the module.
11.6.5
Moisture sensitivity level
Moisture sensitivity is level 3 (MSL) as described in IPC/JEDEC JSTD-020-C.
Note:
If devices are stored out of the packaging for greater than 168 h, the devices should be baked before use. The
optimum bake recommended is at 90°C for a minimum of 6 hours.
11.7
Storage temperature conditions
Table 26. Recommended storage conditions
Parameter
Min.
Typ.
Max.
Unit
Temperature (storage)
-40
23
90
°C
VL53L8CH
Storage temperature conditions
DS14310 - Rev 3
page 38/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com